Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7010TX-48-DC-R Datasheet(PDF) 3 Page - Arista Networks, Inc

Part # DCS-7010TX-48-DC-R
Description  7010X Series Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7010TX-48-DC-R Datasheet(HTML) 3 Page - Arista Networks, Inc

  DCS-7010TX-48-DC-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
7010X Series | Platform Overview
Out of Band Networks
The 7010X provides for the consistent application of access controls, network security features, virtualization and remote monitoring
features to protect access to both dedicated management interfaces and restrict access to authorized users of out-of-band networks.
Intelligent Platform Management Interfaces (IPMI) on servers provide a standard interface for complete system management including
startup, management, maintenance and shutdown over standard Ethernet networks. Access to the IPMI ports allows for privileged
access and full control of the server. The Arista 7010X with EOS provides rich features that are applied to both the management
networks and the production data center networks consistently across the range of Arista 7000 Series switches and routers.
Dynamic Buffer Allocation
The Arista 7010X switches forward packets with a consistent low latency of under 3 microseconds. Upon congestion, the packets are
buffered in an intelligent fully shared packet memory that has a total size of 4MB for burst absorption. Unlike other architectures that
have fixed per-port packet memory, the 7010X Series use dynamic thresholds to allocate packet memory based on traffic class, queue
depth and quality of service policy ensuring a fair allocation to all ports of both lossy and lossless classes. Buffer utilization, occupancy
and thresholds are all visible with Arista LANZ and can be exported to monitoring tools to identify hotspots and measure latency at the
device and end to end.
Maximum Flexibility for Scale Out Network Designs
Scale out network designs enable solutions to start small and evolve over time. A simple two-way design can grow as far as 64-way
without significant changes to the architecture. The Arista 7010X Series include enhancements for flexible scale-out designs:
• 64-way ECMP and MLAG to provide scalable designs and balance traffic evenly across large scale 2 tier leaf-spine designs
• Equal and Unequal Cost Multi-Pathing (UCMP) for flexible traffic balancing in large scale multi-tier topologies
• Comprehensive L2 and L3 forwarding table resources for more design choice
• Wide choice of dense 1G/10G/25G interfaces for multi-speed flexibility
• Support for standards based IEEE 25GbE for simple and cost effective migration from 10G to 25G
• VXLAN routing, bridging and gateway capability for physical to virtualization communication in next generation data center designs
• DANZ, sFlow and multi-port mirroring to detect micro-burst congestion and provide network wide visibility and monitoring
• Hitless speed changes to eliminate down-time when implementing speed changes on any ports.
• PTP support for for advanced visibility and monitoring.
Smart System Upgrade *
Smart System Upgrade is a network application designed to address one of the most complicated and challenging tasks facing data
center administrators - network infrastructure maintenance. Changes to the underlying network infrastructure can affect large numbers
of devices and cause significant outages. SSU provides a fully customizable suite of features that tightly couples data center
infrastructure to technology partners allowing for intelligent insertion and removal, programmable updates to software releases and
open integration with application and infrastructure elements.
Virtualization
The foundation for Arista's Network Virtualization solutions is VXLAN, an open IETF specification designed to standardize an overlay
encapsulation protocol. Arista solutions range from OVSDB and Openstack integration to BGP EVPN in conjunction with EOS
CloudVision®, a platform for network-wide workload orchestration and workflow automation. The 7010X builds on the wire-speed
gateway with EVPN/VXLAN for layer-2 and layer-3 stretch within data centers and make integration of non-VXLAN aware devices
including servers, firewalls and load-balancers seamless.
Precise Data Analysis
Arista Latency Analyzer (LANZ) is an integrated feature of EOS. LANZ provides precise real-time monitoring of micro-burst and
congestion events before they impact applications, with the ability to identify the sources and capture affected traffic for analysis.
Advanced analytics are provided with features like buffer monitoring with configurable thresholds, in-band path and latency
monitoring, event driven trace packets and granular time stamping.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com