Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7010TX-48-DC-R Datasheet(PDF) 2 Page - Arista Networks, Inc

Part # DCS-7010TX-48-DC-R
Description  7010X Series Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7010TX-48-DC-R Datasheet(HTML) 2 Page - Arista Networks, Inc

  DCS-7010TX-48-DC-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
7010X Series | Platform Overview
Model Overview
The Arista 7010X series comes in two different configurations. Each delivers high performance combined with feature rich layer 2 and
layer 3 forwarding, suited for both top of rack leaf, campus access or out of band management switches.
The 7010TX-48 and 7010TX-48C are a 1RU system with 48 10/100/1000Mb RJ45 Ethernet ports and 4 1/10/25G SFP based ports
offering wire speed throughput of up to 296 Gbps bi-directional with integrated AC power and a hot swap fan for reversible airflow.
The 7010TX-48-DC is a DC powered 1RU system with the same port options, integrated DC power supplies and also offers reversible
airflow, with a hot swap reversible direction fan module that allows both front-to-back or back-to-front just be reversing the fan
module and re-inserting.
The RJ45 ports support a range of speeds, including both half duplex 10Mb and full duplex, together with 100Mb and 1000Mb to
enable the widest range of end system connectivity at speeds from 10Mb up to 1G.
Each of the four SFP ports supports a choice of speeds with flexible configuration between 1GbE, 10GbE, or 25GbE. All ports can
operate in any supported mode without limitation, allowing easy migration from lower speeds and the flexibility for deployment over
existing fiber infrastructure.
High Availability
The Arista 7010X series switches are designed for high
availability from both a software and hardware perspective.
Key high availability features include:
• 1+1 Redundant internal power supplies
• Redundant and reversible dual inline fan module
• Color coded fan module to indicate airflow direction
• Live software patching
• Self healing software with Stateful Fault Repair (SFR)
• Smart System Upgrade (SSU)
• Multi-chassis LAG for active/active L2 multi-pathing
• 64-way ECMP routing for load balancing and redundancy
Arista 7010TX-48 and 7010TX-48: 48 port 10/100/1000 and 4 port 10/25GbE Switch
Arista 7010TX-48-DC: 48 port 10/100/1000 and 4 port 10/25GbE
Arista 7010TX Rear View - reversible airflow, Rear-to-front AC
(top) & DC (middle), 7010TX AC front-to rear (bottom)
Scaling Data Center Performance
The Arista 7010X series delivers integrated line rate switching at both layer 2 and layer 3, with support for VXLAN in hardware to enable
dramatically faster and simpler network designs for data centers that lowers the network capital and operational expenses. When used
in conjunction with the Arista 7050X3 series fixed and 7300X3 series modular switches for spine tiers it allows networks to scale to
50,000 1G servers in a high performance and low-latency two-tier network that provides predictable and consistent application
performance. The flexibility of the L2 and L3 multi-path design options combined with support for open standards provides maximum
cross-sectional bandwidth eliminating spanning tree protocol, increasing flexibility, scalability and providing network wide
virtualization. Arista EOS advanced features provide control and visibility with a single point of management for workload orchestration
and workflow automation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com