Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7010TX-48-DC-R Datasheet(PDF) 7 Page - Arista Networks, Inc

Part # DCS-7010TX-48-DC-R
Description  7010X Series Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7010TX-48-DC-R Datasheet(HTML) 7 Page - Arista Networks, Inc

Back Button DCS-7010TX-48-DC-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7010TX-48-DC-R Datasheet HTML 10Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7010X Series | Technical Specifications
Specifications
7010TX-48
7010TX-48C
7010TX-48-DC
Ports
48 x10/100/1000 Mb RJ-45
4 x 1/10/25GbE SFP+
48 x10/100/1000 Mb RJ-45
4 x 1/10/25GbE SFP+
48 x10/100/1000 Mb RJ-45
4 x 1/10/25GbE SFP+
10/100/1000BASE-T (RJ45) Ports
48
48
48
1/10/25GbE SFP/SFP+ Ports
4
4
4
Max 10Mb Ports
48
48
48
Max 100Mb Ports
48
48
48
Max 1GbE Ports
52
52
52
Max 10GbE Ports
4
4
4
Max 25GbE Ports
4
4
4
Throughput
296 Gbps
296 Gbps
296 Gbps
Packets/Second
220 Mpps
220 Mpps
220 Mpps
Latency (25G SFP to RJ45)
From 2.8 microseconds
From 2.8 microseconds
From 2.8 microseconds
CPU
Dual-Core x86
Dual-Core x86
Dual-Core x86
System Memory
4 Gigabytes
8 Gigabytes
4 Gigabytes
Flash Storage Memory
8 Gigabytes
8 Gigabytes
8 Gigabytes
Packet Buffer Memory
4 MB
4 MB
4 MB
100/1000 Mgmt Ports
1
1
1
RS-232 Serial Ports
1 (RJ-45)
1 (RJ-45)
1 (RJ-45)
USB Ports
1
1
1
Power Supplies
AC 2 (1+1 redundant)
AC 2 (1+1 redundant)
DC 2 (1+1 redundant)
Hot-swappable Fan Module
Yes
Yes
Yes
Reversible Airflow
Yes
Yes
Yes
Typical /Max Power Draw *
61W / 80W
83W / 95W
56W / 75W
Operating Noise Typical / Max
46.5dBA at 27C / 56.5dBA Max
46.5dBA at 27C / 56.5dBA Max
46.5dBA at 27C / 56.5dBA Max
Size (WxHxD) including fans
17.3 x 1.71 x 10.8” (43.9 x 4.35 x
27.6cm)
17.3 x 1.71 x 10.8” (43.9 x 4.35 x
27.6cm)
17.3 x 1.71 x 10.8” (43.9 x 4.35 x
27.6cm)
Weight
8.6 lbs (3.9kg)
8.6 lbs (3.9kg)
8.6 lbs (3.9kg)
Fans
FAN-7010X
FAN-7010X
FAN-7010X
CloudVision License Group,
EOS License Group (LIC-FIX)
G2
G2
G2
Minimum EOS
4.26.0
4.31.1
4.26.0
Input Voltage
100-240V AC
100-240V AC
-40 to -72 VDC
Typical Input Current
0.96-0.48A
0.96-0.48A
2.5 A Max (-48V)
Input Frequency
50/60Hz
50/60Hz
DC
Input Connector
IEC 60320 C14
IEC 60320 C14
AWG#14 Max
Efficiency (Typical)
93% Platinum
93% Platinum
92%
* Typical power consumption measured at 25C ambient with 50% load



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com