Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

720XP-2RU Datasheet(PDF) 7 Page - Arista Networks, Inc

Part # 720XP-2RU
Description  720XP Series 2 RU Cognitive Campus Switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720XP-2RU Datasheet(HTML) 7 Page - Arista Networks, Inc

Back Button 720XP-2RU Datasheet HTML 3Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 4Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 5Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 6Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 7Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 8Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 9Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 10Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 11Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Overview
1.6
Specifications
The following tables list the specifications of switches covered by this guide
Table 1: Switch Specifications (Dimensions and Weights)
Switch
Size (W x H x D)
Weight
CCS-720XP-96ZC2
48.3 x 8.8 x 40.4 cm (19 x 3.5 x 15.9 inches)
14.1 kg (31 lbs.)
Table 2: Switch Specifications (Operational and Storage)
Switch
Operating
Temperature
Storage
Temperature
Operating
Altitude
Relative Humidity
All
0° to 40°C (32°
to 104°F)
-25° to 70°C
(-13° to 158°F)
0 to 3,000 meters
(0 to 10,000 feet)
5 to 90% (non-
condensing)
Table 3: Switch Specifications (Power Input)
Power Source
PSU Models
Ratings
Power Input (AC
Power)
PWR-1021-AC-RED
100 - 240 VAC, 12.0 to 5.0 A, 50/60
H
Table 4: Switch Specifications (Power Draw)
Switch
Supported Power
Supply
Power Draw (Typical /
Maximum)
PoE Power Budget
Three / Four PSUs
CCS-720XP-96ZC2 PWR-1021-AC-RED
245 W / 278 W
2255 W / 3077 W
Note: Configurations with less than three PSUs are currently not supported.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com