Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

720XP-2RU Datasheet(PDF) 9 Page - Arista Networks, Inc

Part # 720XP-2RU
Description  720XP Series 2 RU Cognitive Campus Switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720XP-2RU Datasheet(HTML) 9 Page - Arista Networks, Inc

Back Button 720XP-2RU Datasheet HTML 5Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 6Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 7Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 8Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 9Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 10Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 11Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 12Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 13Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Chapter
2
Preparation
This chapter includes the following sections:
•
Site Selection
•
Tools and Parts Required for Installation
•
Electrostatic Discharge (ESD) Precautions
2.1
Site Selection
The following criteria should be considered when selecting a site to install the switch:
•
Temperature and Ventilation: For proper ventilation, install the switch where there is ample airflow
to the front and back of the switch. The ambient temperature should not go below 0° or exceed
40°C.
Important:
To prevent the switch from overheating, do not operate it in an area where the ambient
temperature exceeds 40°C (104°F).
Pour empêcher l'interrupteur de surchauffe, ne pas utiliser il dans une zone où la
température ambiante est supérieure à 40°C (104°F).
•
Airflow Orientation: CCS-720XP-96ZC2 supports only front-to-back airflow. If the airflow direction
is not compatible with the installation site, contact your sales representative.
•
Rack Space: Install the switch in a 19" rack or cabinet. The switch height is 2 RU. The accessory
kit provides mounting brackets for two-post racks.
When mounting the switch in a partially filled rack, load the rack from bottom to top, with the
heaviest equipment at the bottom. Load the switch at the bottom if it is the only item in the rack.
•
Power Requirements: Power requirements vary by switch and power supply model. Refer to Table
4: Switch Specifications (Power Draw) for information regarding your specific system.
Two circuits provide redundancy protection. Connecting Power Cables describes power cable
requirements.
Important:
The power input plug-socket combination must be accessible at all times; it provides the
primary method of disconnecting power from the system.
La combinaison de la puissance-prise d'entrée doit être accessible en tout temps ; Il fournit
le principal moyen de coupure d'alimentation du système.
•
Other Requirements: Select a site where liquids or objects cannot fall onto the equipment and
foreign objects are not drawn into the ventilation holes. Verify these guidelines are met:
•
Clearance areas to the front and rear panels allow for unrestricted cabling.
•
All front and rear panel indicators can be easily read.
•
Power cords can reach from the power outlet to the connector on the rear panel.
Important:
All power connections must be removed to de-energize the unit.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com