Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

720XP-2RU Datasheet(PDF) 19 Page - Arista Networks, Inc

Part # 720XP-2RU
Description  720XP Series 2 RU Cognitive Campus Switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720XP-2RU Datasheet(HTML) 19 Page - Arista Networks, Inc

Back Button 720XP-2RU Datasheet HTML 15Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 16Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 17Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 18Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 19Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 20Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 21Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 22Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 23Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Chapter
5
Configuring the Switch
Arista switches ship from the factory in Zero Touch Provisioning (ZTP) mode.
ZTP configures the switch without user intervention by downloading a startup configuration file or
a boot script from a location specified by a DHCP server. To manually configure a switch, ZTP is
bypassed. The initial configuration provides one username (admin) accessible only through the
console port because it has no password.
When bypassing ZTP, initial switch access requires logging in as admin, with no password, through the
console port. Then you can configure an admin password and other password protected usernames.
This manual configuration procedure cancels ZTP mode, logs into the switch, assigns a password
to admin, assigns an IP address to the management port, and defines a default route to a network
gateway.
1. Provide power to the switch (Connecting Power Cables).
2. Connect the console port to a PC (Connecting Serial and Management Cables).
As the switch boots without a startup-config file, it displays the following through the console:
The device is in Zero Touch Provisioning mode and is attempting to download the startup-config
from a remote system. The device will not be fully functional until either a valid startup-config is
downloaded from a remote system or Zero Touch Provisioning is cancelled. To cancel Zero Touch
Provisioning, login as admin and type 'zerotouch cancel' at the CLI.
localhost login:
3. Log into the switch by typing admin at the login prompt.
localhost login: admin
4. Cancel ZTP mode by typing zerotouch cancel.
IMPORTANT: This step initiates a switch reboot.
localhost>zerotouch cancel
5. After the switch boots, log into the switch again by typing admin at the login prompt.
Arista EOS
localhost login:admin
Last login: Fri Mar 15 13:17:13 on console
6. Enter global configuration mode.
localhost>enable
localhost#config
7. Assign a password to the admin username with the username secret command.
localhost(config)#username admin secret pxq123
8. Configure a default route to the network gateway.
localhost(config)#ip route 0.0.0.0/0 192.0.2.1
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com