Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

720XP-2RU Datasheet(PDF) 24 Page - Arista Networks, Inc

Part # 720XP-2RU
Description  720XP Series 2 RU Cognitive Campus Switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720XP-2RU Datasheet(HTML) 24 Page - Arista Networks, Inc

Back Button 720XP-2RU Datasheet HTML 20Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 21Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 22Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 23Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 24Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 25Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 26Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 27Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 28Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
The Power Supply Status LEDs are on the power supply modules, as displayed in Figure 10: AC
Power Supply Status LED.
Figure 10: AC Power Supply Status LED
1 PSU module status LED
Table 9: AC Power Supply Status LED States provides status conditions that correspond to power
supply status LED states.
Table 9: AC Power Supply Status LED States
Power Supply State
PWR-1021-AC-RED
Input power present Normal
operation
Green
Input power present Power
Supply fault
ON/OFF: ON when PSU output is ON, OFF when PSU Output is
OFF
Input power present Power
Supply FAN fault
FLASH 800 ms ON / 800 ms OFF
No Input power Supply
installed in chassis
OFF
Input power present Supply not
installed in chassis
Green
Note: You can narrow down the error condition by logging in to the switch to view the specific
device state. Refer to the Arista User Manual’s Switch Environment Control chapter, under
the topic Viewing Environment Status, for further information on the
show environment
commands.
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com