Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

720XP-2RU Datasheet(PDF) 11 Page - Arista Networks, Inc

Part # 720XP-2RU
Description  720XP Series 2 RU Cognitive Campus Switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720XP-2RU Datasheet(HTML) 11 Page - Arista Networks, Inc

Back Button 720XP-2RU Datasheet HTML 7Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 8Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 9Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 10Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 11Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 12Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 13Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 14Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 15Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Chapter
3
Rack Mounting the Switch
This chapter includes the following sections:
•
Rack Mounting the Switch
•
Two-Post Rack Mount
3.1
Rack Mounting the Switch
Important:
The rack mounting procedure is identical for all switches covered by this guide. Illustrations in
this chapter depict the mounting of a DCS-7050SX-128 switch.
Les procédure de montage du bâti est identique pour tous les commutateurs visés
par ce guide. Illustrations dans ce chapitre montrent le montage d'un interrupteur de
DCS-7050SX-128.
Two-Post Rack Mount provides instructions for mounting the switch in a two-post rack.
After completing the instructions for your rack type, proceed to Connecting Power Cables.
3.2
Two-Post Rack Mount
To mount the switch onto a two-post rack, assemble the mounting brackets to the chassis, then attach
the brackets to the rack posts. Two-post accessory kits include two, three-hole mounting brackets.
Each chassis side has attachment pins that align with bracket holes; the number of pins (six or seven)
varies by switch model. Pin orientation is symmetric and equidistant, supporting bracket placement
where the flange is either flush with the front and rear panels, or not flush with the panels. Each
bracket hole includes a key-opening for placing the bracket flush with the chassis and then locking it
into place.
Important:
Attachment pins must engage all three upper bracket holes.
Goupilles de fixation doivent s’engager tous les trois trous de la bride supérieure..
Figure 1: Bracket Mount Examples for Two-Post Rack Mount displays proper bracket mount
configuration examples. Figure 2: Improper Bracket Mount Examples for Two-Post Rack Mount
displays improper bracket mount configuration examples.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com