Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

720XP-2RU Datasheet(PDF) 25 Page - Arista Networks, Inc

Part # 720XP-2RU
Description  720XP Series 2 RU Cognitive Campus Switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720XP-2RU Datasheet(HTML) 25 Page - Arista Networks, Inc

Back Button 720XP-2RU Datasheet HTML 21Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 22Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 23Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 24Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 25Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 26Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 27Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 28Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 29Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Appendix
B
Parts List
Each switch provides an accessory kit that contains parts that are required to install the switch. This
appendix lists the installation parts contained in the switch accessory kit.
This section includes the following topics:
•
Rack Mount Parts
•
Cables
B.1
Rack Mount Parts
Two-post rack mount parts are provided in the accessory kit.
Figure 11: Two-Post Rack Mount Parts
B.2
Cables
List of provided cables.
Quantity
Description
2
Power cables: IEC-320/C15-C16, 13 A, 250 V, 2 meter
1
RJ-45 Patch Panel Cable, 2 meter
1
RJ-45 to DB9 Adapter Cable, 2 meter
Note:
All provided power cables are for use only with Arista products.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com