Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7050DX4-32S-R Datasheet(PDF) 5 Page - Arista Networks, Inc

Part # DCS-7050DX4-32S-R
Description  7050X4 Series 100/200/400G Data Center Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7050DX4-32S-R Datasheet(HTML) 5 Page - Arista Networks, Inc

  DCS-7050DX4-32S-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
7050X4 Series | Features
Virtualization
Supporting next-generation virtualized data centers requires tight integration with orchestration tools and encapsulation technologies
such as VXLAN. The 7050X4 build on the valuable tools already provided by the Arista VM Tracer suite to integrate directly into
encapsulated environments. O ering a wire-speed gateway between VXLAN and traditional L2/3 environments, they make integration
of non-VXLAN aware devices including servers, rewalls and load-balancers seamless and provide the ability to leverage VXLAN as a
standards based L2 extension technology for non-MPLS environments.
Precise Data Analysis *
Arista Latency Analyzer (LANZ) is an integrated feature of EOS. LANZ provides precise real-time monitoring of micro-burst and
congestion events before they impact applications, with the ability to identify the sources and capture a ected tra c for analysis.
Advanced analytics are provided with features like bu er monitoring with con gurable thresholds, in-band path and latency
monitoring, event driven trace packets and granular time stamping.
Dynamic Load Balancing *
Traditional hash-based load balancing algorithms can result in link and path allocations with short term imbalances and under
utilization of aggregate capacity. This is aggravated further in modern data centers with high tra c loads, varied ow duration, mixed
packet sizes and micro-bursts. DLB enhancements to load balancing consider the real time load on links and dynamically assign new
and existing ows to the best link. When imbalances are detected active ows and new ows are allocated to the least loaded paths to
reduce the possibility of drops. Supported with any combination of ECMP and LAG/MLAG, DLB delivers higher throughout with
enhanced load distribution while o ering the user an open implementation.
Programmable Pipeline
The Arista 7050X4 series support an enhanced forwarding architecture with smarter and exible packet pipeline which allows the
addition of new capabilities to the data plane of the packet processor through software upgrades without changes or replacement of
the underlying hardware. This allows for rapid testing and deployment avoiding costly replacements or major upgrades. Together with
exible resource allocation, the programmable pipeline increases the exibility of the platform allowing for broad use cases and
ensures continued investment protection.
CloudVision
CloudVision is a network-wide approach for workload orchestration and work ow automation as a turnkey solution for Cloud
Networking. CloudVision extends the EOS publish subscribe architectural approach across the network for state, topology, monitoring
and visibility. This enables enterprises to move to cloud-class automation without needing any signi cant internal development.
EOS Licensing
Arista 7050X4 Series with EOS and CloudVision, is designed to provide exibility both in the choice of the appropriate feature
functionality and in the software consumption model. The base feature set of Arista EOS comes bundled with the Arista products and
systems. A set of feature licenses are available to enable additional functionality in advanced feature sets. The traditional licensing
procurement model employs a perpetual term for the right to use the feature, set at a xed price. For Arista CloudVision the
functionality is available as a monthly subscription, for an agreed upon term.
Routing
General Routing functionality (BGP, OSPF, Multicast, etc) is available in the EOS Enhanced (E) license. The EOS Flex-route (FLX) Lite
license expands that to include key features like BGP-EVPN for VXLAN.
Automation/Visibility
CloudVision is the most complete o ering for advanced automation and visibility. Arista also o ers subsets of CloudVision Lite, for
entry-level GUI functionality. CloudVision is o ered as an on-premises appliance (virtual or physical appliance) or as a SaaS-based
software application that is fully managed by Arista. The EOS V2 license includes capability to run custom extensions natively or via
containers in EOS. In addition, the V2 license gives customers an option of integrating with Arista’s best of breed ecosystem for security,
analytics, visibility, and other use-cases.
* Not currently supported in EOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com