Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7050DX4-32S-R Datasheet(PDF) 14 Page - Arista Networks, Inc

Part # DCS-7050DX4-32S-R
Description  7050X4 Series 100/200/400G Data Center Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7050DX4-32S-R Datasheet(HTML) 14 Page - Arista Networks, Inc

Back Button DCS-7050DX4-32S-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 11Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 12Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 13Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 14Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
7050X4 Series | Ordering Information and Contact Details
Warranty
The Arista 7050X4 series switches come with a one-year limited hardware warranty, which covers parts, repair, or replacement with a 10
business day turn-around after the unit is received.
Service and Support
Support services including next business day and 4-hour advance hardware replacement are available. For service depot locations,
please see: http://www.arista.com/en/service
Headquarters
5453 Great America Parkway
Santa Clara, California 95054
408-547-5500
Support
support@arista.com
408-547-5502
866-476-0000
Sales
sales@arista.com
408-547-5501
866-497-0000
Copyright 2024 Arista Networks, Inc. The information contained herein is subject to change without notice. Arista, the
Arista logo and EOS are trademarks of Arista Networks. Other product or service names may be trademarks or service marks
of others.
www.arista.com
Oct 21st, 2024 03-0057-21
Optional Components and Spares
FAN-7011M-F
Spare fan module for Arista 7000 Series 1RU Enhanced Fan Speed (front-to-rear air ow)
FAN-7011H-F
Spare fan module for Arista 7000 Series 1RU High Speed Fan (front-to-rear air ow)
FAN-7011H-R
Spare fan module for Arista 7000 Series 1RU High Speed Fan (rear-to-front air ow)
FAN-7012H-RED
Spare fan module for Arista 7000 Series 2RU High Speed Fan (front-to-rear air ow)
FAN-7012H-BLUE
Spare fan module for Arista 7000 Series 2RU High Speed Fan (rear-to-front air ow)
PWR-1512-AC-RED
Arista PSU, 1RU, AC/DC, 1500W, FORWARD, 73.5MM
PWR-1512-AC-BLUE
Arista PSU, 1RU, AC/DC, 1500W, REVERSE, 73.5MM
PWR-1511-DC-RED
Arista PSU, 1RU, DC/DC, 1500W, FORWARD, 73.5MM
PWR-1511-DC-BLUE
Arista PSU, 1RU, DC/DC, 1500W, REVERSE, 73.5MM
PWR-1011-AC-RED
Arista PSU, 1RU, AC/DC, 1000W, FORWARD, 73.5MM
PWR-1011-AC-BLUE
Arista PSU, 1RU, AC/DC, 1000W, REVERSE, 73.5MM
PWR-1011-DC-RED
Arista PSU, 1RU, DC/DC, 1000W, FORWARD, 73.5MM
PWR-1011-DC-BLUE
Arista PSU, 1RU, DC/DC, 1000W, REVERSE, 73.5MM
PWR-2421-HV-RED
Arista 2400W HV AC and DC Power Supply, FORWARD, 73.5MM
KIT-7101
Spare tool-free accessory kit (v3) for Arista switches. 4-post mount. (2 x C13-C14, 2m)
KIT-7103
Spare tool-free accessory kit (v3) for Arista switches. 4-post mount. (2 x SAF-D GRID - C20, 3m)
KIT-7201
Spare tool-free accessory kit (v2) for Arista 2RU switches. 4-post mount. (2x C13-C14, 2m)
KIT-2POST-1U-NT
Spare tool-free 2-post mount kit (v2) for 1RU Arista tool-free switches
KIT-7101-RK
Spare tool-free 4-post mount kit (v3). (Compatible with KIT-ADJ-RLR)
KIT-GND-EXT-1U
Arista 7000 Series 1RU Ground Extender Kit for NEBS compliance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com