Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7050DX4-32S-R Datasheet(PDF) 12 Page - Arista Networks, Inc

Part # DCS-7050DX4-32S-R
Description  7050X4 Series 100/200/400G Data Center Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7050DX4-32S-R Datasheet(HTML) 12 Page - Arista Networks, Inc

Back Button DCS-7050DX4-32S-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 11Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 12Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 13Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 14Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
7050X4 Series | Optics
Supported Optics and Cables 1
Interface Type
40G QSFP ports
10GBASE-CR
QSFP+ to 4xSFP+: 0.5m-5m lengths
40GBASE-CR4
QSFP+ to QSFP+: 0.5m-5m lengths
40GBASE-AOC
3m to 100m lengths
40GBASE-UNIV
150m OM3 / 150m OM4, 500m SM
40GBASE-SRBD
100m OM3 /150m OM4 Duplex MMF
40GBASE-SR4
100m OM3 /150m OM4 Parallel MMF
40GBASE-XSR4
300m OM3 /400m OM4 Parallel MMF
40GBASE-PLRL4
1km (1km 4x10G LR/LRL)
40GBASE-PLR4
10km (10km 4x10G LR/LRL)
40GBASE-LRL4
1km Duplex SM
40GBASE-LR4
10km Duplex SM
40GBASE-ER4
40km Duplex SM
100GbE
100G QSFP ports
100GBASE-SR4
70m OM3 / 100m OM4 Parallel MMF
100GBASE-XSR4
150m OM3 / 300m OM4 Parallel MMF
100GBASE-SWDM4
70m OM3 / 100m OM4 Duplex MMF
100GBASE-SRBD
70m OM3 / 100m OM4 Duplex MMF
100GBASE-LR
10km Duplex SM
100GBASE-LR4
10km Duplex SM
100GBASE-LRL4
2km Duplex SM
100GBASE-XCWDM4
10km Duplex SM
100GBASE-CWDM4
2km Duplex SM
100GBASE-FR
2km Duplex SM
100GBASE-DR
500m Duplex SM
100GBASE-PSM4
500m Parallel SM
100GBASE-AOC
1m to 30m lengths
100GBASE-ERL4
40km Duplex SM
100GBASE-CR4
QSFP to QSFP: 1m to 5m lengths
50GBASE-CR2
QSFP to 2xQSFP: 1m to 5m lengths
25GBASE-CR
QSFP to SFP25: 1m to 5m lengths
Supported Optics and Cables 1
10GbE
SFP+ ports
10GBASE-CR
SFP+ to SFP+: 0.5m-5m lengths
10GBASE-AOC
SFP+ to SFP+: 3m-30m lengths
10GBASE-SRL
100m OM3 /150m OM4 Duplex MMF
10GBASE-SR
300m OM3 / 400m OM4 Duplex MMF
10GBASE-LRL
1km Duplex SM
10GBASE-LR
10km Duplex SM
10GBASE-ER
40km Duplex SM
10GBASE-ZR
80km Duplex SM
10GBASE-T
Up to 30m over Cat6a
10GBASE-DWDM
80km Duplex SM
25GbE
25G SFP Ports
25GBASE-CR
SFP25 to SFP25: 1m-5m lengths
25GBASE-AOC
SFP+ to SFP+: 3m-30m lengths
25GBASE-MR-XSR
25G: 200m OM3 / 300m OM4 Duplex MMF
10G: 300m OM3 / 400m OM4 Duplex MMF
25GBASE-MR-SR
25G: 70m OM3 / 100m OM4 Duplex MMF
10G: 300m OM3 / 400m OM4 Duplex MMF
25GBASE-SR
70m OM3 / 100m OM4 Duplex MMF
25GBASE-LR
10km Duplex SM
25GBASE-MR-LR
10km Duplex SM
1. For a complete list of transceivers, please refer to the Transceiver Datasheet and check EOS release notes for support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com