Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7050DX4-32S-R Datasheet(PDF) 9 Page - Arista Networks, Inc

Part # DCS-7050DX4-32S-R
Description  7050X4 Series 100/200/400G Data Center Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7050DX4-32S-R Datasheet(HTML) 9 Page - Arista Networks, Inc

Back Button DCS-7050DX4-32S-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 11Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 12Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 13Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
7050X4 Series | Technical Speci cations
Model Comparison
7050SDX4-48D8
7050SPX4-48D8
7050CX4-24D8
7050CX4M-48D8
Ports
48x SFP-DD 100G
8x QSFP-DD 400G
48x DSFP 100G
8x QSFP-DD 400G
24x QSFP-56 200G
8x QSFP-DD 400G
2x SFP+
48x QSFP-100 100G
8x QSFP-DD 400G
2x SFP+
Max 400GbE Ports 1
8
8
8
8
Max 200GbE Ports 1
16
16
40
16
Max 100GbE Ports 1
72
72
72
72
Max 50GbE Ports 1
72
72
72
72
Max 40GbE Ports 1
8
8
32
56
Max 25GbE Ports 1
72
72
72
72
Max 10GbE Ports 1
72
-
72 + 2
72 + 2
MACsec enabled ports
-
-
-
56
Max Total Interfaces 2
72
72
72 + 2
72 + 2
Throughput (FDX)3
8.0 (16) Tbps
8.0 (16) Tbps
8.0 (16) Tbps
8.0 (16) Tbps
Packets/Second
2.7Bpps
2.7Bpps
2.7Bpps
2.7Bpps
Latency
900ns
900ns
900ns
900ns
CPU
Quad-Core x86
Quad-Core x86
Quad-Core x86
Quad-Core x86
System Memory
16 Gigabytes
Flash Storage Memory
16 Gigabytes
Packet Bu er Memory
82 MB (Fully Shared)
100/1000 Mgmt Ports
1
RS-232 Serial Ports
1 (RJ-45)
USB Ports
1
Hot-swap Power
2 (1+1 redundant)
Hot-swappable Fans
4 (N+1 redundant)
Reversible Air ow
Yes
Typical/Max Power 4
165W / 520W
156W / 520W
226W / 465W
390W / 740W
Rack Units
1RU
1RU
1RU
2RU
Size (WxHxD)
17.3 x 1.72 x 18.68 in
(43.99 x 4.37 x 47.46 cm)
17.3 x 3.46 x 26.30 in
(43.99 x 8.79 x 66.8 cm)
Weight
23lbs (10.4 kgs)
35.1lbs (16.0 kgs)
Fan Tray
FAN-7011M-F
FAN-7011H-R
FAN-7011H -F
FAN-7011H-R 5
FAN-7012H-RED/BLUE
Power Supplies
PWR-1011-AC-RED/BLUE
PWR-1011-DC-RED/BLUE
PWR-1512-AC-RED/BLUE
PWR-1511-DC-RED/BLUE
EOS Feature Licenses
LIC-FIX-3
LIC-FIX-3-MACSEC
Minimum EOS
4.30.2
4.30.0
4.30.2
4.31.1
1. Maximum port numbers are uni-dimensional, may require the use of break-outs and are subject to transceiver/cable capabilities
2. Where supported by EOS, each system supports a maximum number of interfaces. Certain con gurations may impose restrictions on which physical ports can be used
3. Performance gures based on average packet size of 289B
4. Typical power consumption measured at 25C ambient with 50% load on all ports, excludes transceivers
5. Reverse air ow con guration requires derating to 35C ambient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com