Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7050DX4-32S-R Datasheet(PDF) 7 Page - Arista Networks, Inc

Part # DCS-7050DX4-32S-R
Description  7050X4 Series 100/200/400G Data Center Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7050DX4-32S-R Datasheet(HTML) 7 Page - Arista Networks, Inc

Back Button DCS-7050DX4-32S-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 11Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7050X4 Series | Features
Network Management
• CloudVision
• 10/100/1000 Management Port
• RS-232 Serial Console Port
• USB Port
• SNMP v1, v2, v3
• Management over IPv6
• Telnet and SSHv2
• Syslog
• AAA
• Industry Standard CLI
Extensibility
• Linux Tools
• Bash shell access and scripting
• RPM support
• Custom kernel modules
• Programmatic access to system state
• Python
• C++
• Native KVM/QEMU support
Standards Compliance
• 802.1D Bridging and Spanning Tree
• 802.1p QOS/COS
• 802.1Q VLAN Tagging
• 802.1w Rapid Spanning Tree
• 802.1s Multiple Spanning Tree Protocol
• 802.1AB Link Layer Discovery Protocol
• 802.3ad Link Aggregation with LACP
• 802.3ab 1000BASE-T
• 802.3z Gigabit Ethernet
• 802.3ae 10 Gigabit Ethernet
• 802.3by 25 Gigabit Ethernet
• 802.3ba 40 and 100 Gigabit Ethernet
• 802.3bs 400 and 200 Gigabit Ethernet
• 802.3cm 400 Gigabit over multimode ber
• RFC 2460 Internet Protocol, Version 6 (IPv6) Speci cation
• RFC 4861 Neighbor Discovery for IP Version 6 (IPv6)
• RFC 4862 IPv6 Stateless Address Autocon guration
• RFC 4443 Internet Control Message Protocol (ICMPv6) for the
Internet Protocol Version 6 (IPv6) Speci cation
SNMP MIBs
• RFC 3635 EtherLike-MIB
• RFC 3418 SNMPv2-MIB
• RFC 2863 IF-MIB
• RFC 2864 IF-INVERTED-STACK-MIB
• RFC 4292 IP-FORWARD-MIB
• RFC 4363 Q-BRIDGE-MIB
• RFC 4188 BRIDGE-MIB
• RFC 2013 UDP-MIB
• RFC 2012 TCP-MIB
• RFC 2011 IP-MIB
• RFC 2790 HOST-RESOURCES-MIB
• RFC 3636 MAU-MIB
• RMON-MIB
• RMON2-MIB
• HC-RMON-MIB
• LLDP-MIB
• LLDP-EXT-DOT1-MIB
• LLDP-EXT-DOT3-MIB
• ENTITY-MIB
• ENTITY-SENSOR-MIB
• ENTITY-STATE-MIB
• ARISTA-ACL-MIB
• ARISTA-QUEUE-MIB
• RFC 4273 BGP4-MIB
• RFC 4750 OSPF-MIB
• ARISTA-CONFIG-MAN-MIB
• ARISTA-REDUNDANCY-MIB
• RFC 2787 VRRPv2-MIB
• MSDP-MIB
• PIM-MIB
• IGMP-MIB
• IPMROUTE-STD-MIB
• SNMP Authentication Failure trap
• ENTITY-SENSOR-MIB support for DOM (Digital Optical
Monitoring)
• User con gurable custom OIDs
See EOS release notes for latest supported MIBs
Table Sizes
STP Instances
64 (MST)/254 (RPVST+)
IGMP Groups*
128K max, with 4K unique groups
ACLs
11K
Egress ACLs
2K
ECMP
128-way, 4K groups
Max. IPv4 Host Routes
320K
Max IPv6 Host Routes
80K
Max IPv4 Multicast (S,G)
160K
LPM Table Mode
ALPM
1
2
3
4
Max. IPv4 LPM Routes
800K
16K
16K
16K
16K
Max. IPv6 LPM Routes -
Unicast (pre x length <= 64)
500K
6K
4K
2K
—
Max. IPv6 LPM Routes -
Unicast (any pre x length)
500K
1K
2K
3K
4K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com