Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7050DX4-32S-R Datasheet(PDF) 3 Page - Arista Networks, Inc

Part # DCS-7050DX4-32S-R
Description  7050X4 Series 100/200/400G Data Center Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7050DX4-32S-R Datasheet(HTML) 3 Page - Arista Networks, Inc

  DCS-7050DX4-32S-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7050DX4-32S-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Deployment example
The diagram below shows an example of non-blocking network fabric leveraging a 32 x 400G device con gured to o er 128 x 100G
ports, a simple 2-tier fabric is able to support up to 6144 servers across 128 leaf switches with a xed 3:1 oversubscription and
optimally deterministic bisectional performance. The following diagram shows each leaf connecting with 4 x 100GbE across the four
spine devices.
High Availability
The Arista 7050X4 series switches are designed for high availability from both a software and hardware perspective. Key high
availability features include:
• 1+1 hot-swappable power supplies and four N+1 hot-swap fans
• Color coded PSU’s and fans
• Live software patching
• Self healing software with Stateful Fault Repair (SFR)
• Smart System Upgrade (SSU)
• Multi-chassis LAG for active/active L2 multi-pathing
• 128-way ECMP routing for load balancing and redundancy
Arista 7050X4 1RU Rear View: Front to Rear air ow (red)
7050X4 Series | Model Overview
1 kW Hot swap power supplies
1U Hot swap fan modules
2U Hot swap fan modules
1.5 kW Hot swap power supplies
Arista 7050X4 2RU Rear View: Front to Rear air ow (red)
A typical 3:1 oversubscribed cluster 25G attached nodes and 4-way 32x400G spine switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com