Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8307 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8307
Description  Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8307 Datasheet HTML 2Page - Analog Devices AD8307 Datasheet HTML 3Page - Analog Devices AD8307 Datasheet HTML 4Page - Analog Devices AD8307 Datasheet HTML 5Page - Analog Devices AD8307 Datasheet HTML 6Page - Analog Devices AD8307 Datasheet HTML 7Page - Analog Devices AD8307 Datasheet HTML 8Page - Analog Devices AD8307 Datasheet HTML 9Page - Analog Devices AD8307 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8307
Data Sheet
Rev. F | Page 6 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
8
3
0
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
7
4
2
1
6
5
1.8
1.9
2.0
VENB (V)
Figure 3. Supply Current vs. VENB (5 V)
8
3
0
1.01.11.21.31.41.51.61.7
7
4
2
1
6
5
1.8
1.9
2.0
VENB (V)
Figure 4. Supply Current vs. VENB (3 V)
3
2
–3
20
0
–20
–40
–60
–80
1
0
–1
–2
INPUT FREQUENCY = 100MHz
INPUT FREQUENCY = 300MHz
INPUT LEVEL (dBm)
Figure 5. Log Conformance vs. Input Level (dBm), 100 MHz and 300 MHz
3
2
–3
20
0
–20
–40
–60
–80
1
0
–1
–2
INPUT LEVEL (dBm)
TEMPERATURE ERROR @ –40°C
TEMPERATURE ERROR @ +25°C
TEMPERATURE ERROR @ +85°C
Figure 6. Log Conformance vs. Input Level (dBm) at −40°C, +25°C, and +85°C
INPUT FREQUENCY 10MHz
INPUT FREQUENCY 100MHz
INPUT FREQUENCY 300MHz
INPUT FREQUENCY 500MHz
3
0
20
0
–20
–40
–60
–80
2
1
INPUT LEVEL (dBm)
Figure 7. VOUT vs. Input Level (dBm) at Various Frequencies
CFO VALUE = 0.01µF
CFO VALUE = 1µF
CFO VALUE = 0.1µF
1.5
1.0
–1.5
20
0
–20
–40
–60
–80
0.5
0
–0.5
–1.0
INPUT LEVEL (dBm)
Figure 8. Log Conformance vs. CFO Values at 1 kHz Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com