Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8307 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8307
Description  Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8307 Datasheet HTML 12Page - Analog Devices AD8307 Datasheet HTML 13Page - Analog Devices AD8307 Datasheet HTML 14Page - Analog Devices AD8307 Datasheet HTML 15Page - Analog Devices AD8307 Datasheet HTML 16Page - Analog Devices AD8307 Datasheet HTML 17Page - Analog Devices AD8307 Datasheet HTML 18Page - Analog Devices AD8307 Datasheet HTML 19Page - Analog Devices AD8307 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8307
Data Sheet
Rev. F | Page 16 of 24
It can be desirable to increase the speed of the output response,
with the penalty of increased ripple. One way to do this is by
connecting a shunt load resistor from the OUT pin to ground,
which raises the low-pass corner frequency. This also alters the
logarithmic slope, for example, to 7.5 mV/dB using a 5.36 kΩ
resistor, while reducing the 10% to 90% rise time to 25 ns. The
ripple amplitude for the 50 MHz input remains at 0.5 mV, but
this is now equivalent to ±0.07 dB. If a negative supply is available,
the output pin can be connected directly to the summing node
of an external op amp connected as an inverting mode transresis-
tance stage.
Note that while the AD8307 can operate down to supply voltages
of 2.7 V, the output voltage limit is reduced when the supply
drops below 4 V. This characteristic is the result of necessary
headroom requirements, approximately two VBE drops, in the
design of the output stage.
1.25kΩ
25mV/dB
OUT
2µA/dB
0µA TO 220µA
INT
FROM ALL
DETECTORS
CFLT
C2
1pF
VPS
BIAS
1.25kΩ
1.25kΩ
~400mV
8.25kΩ
60kΩ
60µA
COM
R1
12.5kΩ
C1
2.5pF
3pF
LGP
LGM
1.25kΩ
4
7
5
2
Figure 31. Simplified Output Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com