Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8307 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8307
Description  Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8307 Datasheet HTML 3Page - Analog Devices AD8307 Datasheet HTML 4Page - Analog Devices AD8307 Datasheet HTML 5Page - Analog Devices AD8307 Datasheet HTML 6Page - Analog Devices AD8307 Datasheet HTML 7Page - Analog Devices AD8307 Datasheet HTML 8Page - Analog Devices AD8307 Datasheet HTML 9Page - Analog Devices AD8307 Datasheet HTML 10Page - Analog Devices AD8307 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD8307
Rev. F | Page 7 of 24
3.0
0
0.5
20
0
–20
–10
10
–40
–60
–80
–70
–50
–30
2.0
1.0
2.5
1.5
INPUT LEVEL (dBm)
INT PIN = 3.0V
10MHz, INT = –96.52dBm
INT PIN = 4.0V
10MHz, INT = –87.71dBm
NO CONNECT ON INT
10MHz, INT = –82.90dBm
Figure 9. VOUT vs. Input Level at 5 V Supply; Showing Intercept Adjustment
3.0
0
0.5
0
–20
–10
10
–40
–60
–80
–70
–50
–30
2.0
1.0
2.5
1.5
INPUT LEVEL (dBm)
INT VOLTAGE
INT = 1.0V, INT = –86dBm
INT VOLTAGE
INT NO CONNECT, INT = –71dBm
INT VOLTAGE
INT = 2.0V, INT = –78dBm
Figure 10. VOUT vs. Input Level at 3 V Supply Using AD820 as Buffer,
Gain = +2; Showing Intercept Adjustment
2.5
0
20
0
–20
–40
–60
–80
2.0
1.0
1.5
0.5
INPUT LEVEL (dBm)
100MHz @ –40°C
100MHz @ +85°C
100MHz @ +25°C
Figure 11. VOUT vs. Input Level at Three Temperatures (−40°C, +25°C, +85°C)
–INPUT
+INPUT
100MHz
3
2
–3
20
0
–20
–40
–60
–80
1
0
–1
–2
INPUT LEVEL (dBm)
Figure 12. Log Conformance vs. Input Level at 100 MHz Showing
Response to Alternative Inputs
3
2
–3
10
–10
–30
–50
–70
–90
1
0
–1
–2
INPUT LEVEL (dBm)
100MHz
500MHz
Figure 13. Log Conformance vs. Input Level at 100 MHz and 500 MHz;
Input Driven Differentially Using Transformer
3
2
–3
10
0
–10
–20
20
–30
–40
–50
–60
–70
1
0
–1
–2
INPUT LEVEL (dBm)
100MHz
500MHz
10MHz
Figure 14. Log Conformance vs. Input Level at 3 V Supply
Using AD820 as Buffer, Gain = +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com