Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8307 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8307
Description  Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8307 Datasheet HTML 13Page - Analog Devices AD8307 Datasheet HTML 14Page - Analog Devices AD8307 Datasheet HTML 15Page - Analog Devices AD8307 Datasheet HTML 16Page - Analog Devices AD8307 Datasheet HTML 17Page - Analog Devices AD8307 Datasheet HTML 18Page - Analog Devices AD8307 Datasheet HTML 19Page - Analog Devices AD8307 Datasheet HTML 20Page - Analog Devices AD8307 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD8307
Rev. F | Page 17 of 24
THEORY OF OPERATION
The AD8307 has very high gain and a bandwidth from dc to over
1 GHz, at which frequency the gain of the main path is still over
60 dB. Consequently, it is susceptible to all signals within this very
broad frequency range that find their way to the input terminals. It
is important to remember that these are indistinguishable from
the wanted signal, and has the effect of raising the apparent
noise floor (that is, lowering the useful dynamic range). For
example, while the signal of interest can be an IF of 50 MHz,
any of the following could easily be larger than the IF signal at
the lower extremities of its dynamic range: 60 Hz hum (picked
up due to poor grounding techniques), spurious coupling (from
a digital clock source on the same PC board), and local radio
stations, for example.
Careful shielding is essential. A ground plane should be used to
provide a low impedance connection to the common pin, COM,
for the decoupling capacitors used at VPS, and as the output
ground. It is inadvisable to assume that the ground plane is
equipotential. Neither of the inputs should be ac-coupled directly
to the ground plane, but should be kept separate from it, being
returned instead to the low associated with the source. This can
mean isolating the low side of an input connector with a small
resistance to the ground plane.
BASIC CONNECTIONS
Figure 32 shows the simple connections suitable for many
applications. The inputs are ac coupled by C1 and C2, which
should have the same value, for example, CC. The coupling time
constant is RIN CC/2, thus forming a high-pass corner with a
3 dB attenuation at fHP = 1/(pRINCC ). In high frequency applica-
tions, fHP should be as large as possible to minimize the coupling
of unwanted low frequency signals. Conversely, in low frequency
applications, a simple RC network forming a low-pass filter
should be added at the input for the same reason. For the case
where the generator is not terminated, the signal range should
be expressed in terms of the voltage response and should extend
from −85 dBV to +6 dBV.
C2 = CC
C1 = CC
OUTPUT
25mV/dB
AD8307
RT
INPUT
–75dBm TO
+16dBm
NC
INP VPS ENB INT
INM COM OFS OUT
NC
NC = NO CONNECT
87
6
5
23
4
1
1.1kΩ
4.7Ω
0.1µF
RIN ≈
VP, 2.7V TO 5.5V
AT ~8mA
Figure 32. Basic Connections
Where it is necessary to terminate the source at a low impedance,
the resistor RT should be added, with allowance for the shunting
effect of the basic 1.1 kΩ input resistance (RIN) of the AD8307.
For example, to terminate a 50 Ω source, a 52.3 Ω 1% tolerance
resistor should be used. This can be placed on the input side or
the log amp side of the coupling capacitors; in the former case,
smaller capacitors can be used for a given frequency range; in
the latter case, the effective RIN is lowered directly at the log
amp inputs.
Figure 33 shows the output vs. the input level, in dBm, when
driven from a terminated 50 Ω generator, for sine inputs at
10 MHz, 100 MHz, and 500 MHz; Figure 34 shows the typical
logarithmic conformance under the same conditions. Note that
10 dBm corresponds to a sine amplitude of 1 V, equivalent to an
rms power of 10 mW in a 50 Ω termination. However, if the
termination resistor is omitted, the input power is negligible.
The use of dBm to define input level therefore needs to be
considered carefully in connection with the AD8307.
3.0
2.5
0
2.0
1.5
1.0
0.5
500MHz
100MHz
10MHz
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
INPUT LEVEL (dBm)
Figure 33. Log Response at 10 MHz, 100 MHz, and 500 MHz
5
4
3
2
1
–4
–5
500MHz
100MHz
10MHz
–3
–2
–1
0
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
INPUT LEVEL (dBm)
Figure 34. Logarithmic Law Conformance at 10 MHz, 100 MHz, and 500 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com