Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8307 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8307
Description  Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307 Datasheet(HTML) 2 Page - Analog Devices

  AD8307 Datasheet HTML 1Page - Analog Devices AD8307 Datasheet HTML 2Page - Analog Devices AD8307 Datasheet HTML 3Page - Analog Devices AD8307 Datasheet HTML 4Page - Analog Devices AD8307 Datasheet HTML 5Page - Analog Devices AD8307 Datasheet HTML 6Page - Analog Devices AD8307 Datasheet HTML 7Page - Analog Devices AD8307 Datasheet HTML 8Page - Analog Devices AD8307 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD8307
Data Sheet
Rev. F | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 4
 
ESD Caution.................................................................................. 4
 
Pin Configuration and Function Descriptions............................. 5
 
Typical Performance Characteristics ............................................. 6
 
Log Amp Theory .............................................................................. 9
 
Progressive Compression .......................................................... 10
 
Demodulating Log Amps .......................................................... 11
 
Intercept Calibration.................................................................. 12
 
Offset Control ............................................................................. 12
 
Extension of Range..................................................................... 13
 
Interfaces.......................................................................................... 14
 
Enable Interface .......................................................................... 14
 
Input Interface ............................................................................ 14
 
Offset Interface ........................................................................... 15
 
Output Interface ......................................................................... 15
 
Theory of Operation ...................................................................... 17
 
Basic Connections...................................................................... 17
 
Input Matching ........................................................................... 18
 
Narrow-Band Matching ............................................................ 18
 
Slope and Intercept Adjustments ............................................. 19
 
Applications Information .............................................................. 20
 
Buffered Output.......................................................................... 20
 
Four-Pole Filter........................................................................... 20
 
1 μW to 1 kW 50 Ω Power Meter............................................. 21
 
Measurement System with 120 dB Dynamic Range.............. 21
 
Operation at Low Frequencies.................................................. 22
 
Outline Dimensions ....................................................................... 23
 
Ordering Guide .......................................................................... 24
 
REVISION HISTORY
12/2019—Rev. E to Rev. F
Changes to Ordering Guide .......................................................... 24
9/2015—Rev. D to Rev. E
Changes to General Description Section ...................................... 1
Added Table 1; Renumbered Sequentially .................................... 1
7/2008—Rev. C to Rev. D
Deleted DC-Coupled Applications Section ................................ 22
Deleted Operation Above 500 MHz Section .............................. 23
Updated Outline Dimensions ....................................................... 23
10/2006—Rev. B to Rev. C
Updated Format..................................................................Universal
Changes to Table 1............................................................................ 3
Changes to Table 3............................................................................ 5
Changes to Offset Interface ........................................................... 15
Changes to Output Interface ......................................................... 15
Updated captions to Outline Dimensions................................... 24
Changes to Ordering Guide .......................................................... 24
6/2003—Rev. A to Rev. B
Renumbered TPCs and Figures........................................Universal
Changes to Ordering Guide .............................................................3
Changes to Figure 24...................................................................... 17
Deleted Evaluation Board Information ....................................... 18
Updated Outline Dimensions....................................................... 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com