Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8307 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8307
Description  Low Cost, DC to 500 MHz, 92 dB Logarithmic Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8307 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8307 Datasheet HTML 10Page - Analog Devices AD8307 Datasheet HTML 11Page - Analog Devices AD8307 Datasheet HTML 12Page - Analog Devices AD8307 Datasheet HTML 13Page - Analog Devices AD8307 Datasheet HTML 14Page - Analog Devices AD8307 Datasheet HTML 15Page - Analog Devices AD8307 Datasheet HTML 16Page - Analog Devices AD8307 Datasheet HTML 17Page - Analog Devices AD8307 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8307
Data Sheet
Rev. F | Page 14 of 24
INTERFACES
The AD8307 comprises six main amplifier/limiter stages, each
having a gain of 14.3 dB and small signal bandwidth of 900 MHz;
the overall gain is 86 dB with a −3 dB bandwidth of 500 MHz.
These six cells and their associated gm styled full-wave detectors
handle the lower two-thirds of the dynamic range. Three top-
end detectors, placed at 14.3 dB taps on a passive attenuator,
handle the upper third of the 90 dB range. Biasing for these cells
is provided by two references: one determines their gain and the
other is a band gap circuit that determines the logarithmic slope
and stabilizes it against supply and temperature variations. The
AD8307 can be enabled or disabled by a CMOS-compatible level
at ENB (Pin 6). The first amplifier stage provides a low voltage
noise spectral density (1.5 nV/√Hz).
The differential current-mode outputs of the nine detectors are
summed and then converted to single-sided form in the output
stage, nominally scaled 2 μA/dB. The logarithmic output voltage is
developed by applying this current to an on-chip 12.5 kΩ
resistor, resulting in a logarithmic slope of 25 mV/dB (that is,
500 mV/decade) at the OUT pin. This voltage is not buffered,
allowing the use of a variety of special output interfaces,
including the addition of postdemodulation filtering. The last
detector stage includes a modification to temperature stabilize the
log intercept, which is accurately positioned to make optimal
use of the full output voltage range available. The intercept can
be adjusted using the INT pin, which adds or subtracts a small
current to the signal current.
BAND GAP REFERENCE
AND BIASING
SIX 14.3dB 900MHz
AMPLIFIER STAGES
MIRROR
INPUT-OFFSET
COMPENSATION LOOP
COM
INM
INP
ENB
VPS
INT
OUT
OFS
AD8307
7.5mA
1.1kΩ
3
2
2µA
/dB
12.5kΩ
COM
NINE DETECTOR CELLS
SPACED 14.3dB
–INP
+INP
8
1
2
7
5
6
4
3
Figure 27. Main Features of the AD8307
The last gain stage also includes an offset sensing cell. This
generates a bipolarity output current when the main signal path
has an imbalance due to accumulated dc offsets. This current is
integrated by an on-chip capacitor, which can be increased in
value by an off-chip component at OFS. The resulting voltage is
used to null the offset at the output of the first stage. Because it
does not involve the signal input connections, whose ac-coupling
capacitors otherwise introduce a second pole in the feedback
path, the stability of the offset correction loop is assured.
The AD8307 is built on an advanced, dielectrically isolated,
complementary bipolar process. Most resistors are thin film
types having a low temperature coefficient of resistance (TCR)
and high linearity under large signal conditions. Their absolute
tolerance is typically within ±20%. Similarly, the capacitors have
a typical tolerance of ±15% and essentially zero temperature or
voltage sensitivity. Most interfaces have additional small junction
capacitances associated with them due to active devices or ESD
protection; these can be neither accurate nor stable. Component
numbering in each of these interface diagrams is local.
ENABLE INTERFACE
The chip enable interface is shown in Figure 28. The currents in
the diode-connected transistors control the turn-on and turn-
off states of the band gap reference and the bias generator, and
are a maximum of 100 μA when Pin 6 is taken to 5 V, under
worst-case conditions. Left unconnected, or at a voltage below
1 V, the AD8307 is disabled and consumes a sleep current of
under 50 μA; tied to the supply, or at a voltage above 2 V, it is
fully enabled. The internal bias circuitry is very fast, typically
<100 ns for either off or on. In practice, the latency period
before the log amp exhibits its full dynamic range is more likely
to be limited by factors relating to the use of ac coupling at the
input or the settling of the offset control loop.
COM
ENB
40kΩ
TO BIAS
STAGES
AD8307
6
2
Figure 28. Enable Interface
TOP-END
DETECTORS
COM
INP
INM
CD
CP
CM
COM
4kΩ
~3kΩ
125Ω
125Ω
6kΩ
6kΩ
2kΩ
2kΩ
TYP 2.2V FOR
3V SUPPLY,
3.2V AT 5V
S
S
VPS
COM
IE
2.4mA
Q1
Q2
2
7
8
1
Figure 29. Signal Input Interface
INPUT INTERFACE
Figure 29 shows the essentials of the signal input interface. CP
and CM are the parasitic capacitances to ground; CD is the
differential input capacitance, mostly due to Q1 and Q2. In
most applications, both input pins are ac-coupled. The switches
close when ENB is asserted. When disabled, the inputs float,
bias current IE is shut off, and the coupling capacitors remain
charged. If the log amp is disabled for long periods, small leakage
currents discharge these capacitors. If they are poorly matched,
charging currents at power-up can generate a transient input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com