Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7304-SFAN-R Datasheet(PDF) 48 Page - Arista Networks, Inc

Part # DCS-7304-SFAN-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7304-SFAN-R Datasheet(HTML) 48 Page - Arista Networks, Inc

Back Button DCS-7304-SFAN-R Datasheet HTML 44Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 45Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 46Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 47Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 48Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 49Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 50Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 51Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 52Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
Figure 33: Fabric Module Removal: Initial Position and Opening the Lock-Levers
Figure 34: Fabric Module Removal: Edging the Module Out and Closing the Lock-Levers
The DCS-7316 fabric module is almost three feet long and weighs close to 40 pounds. Use
necessary precautions to safely manage the component outside of the chassis.
B.1.2
Inserting Fabric Modules
The fabric module insertion process is the inverse of the removal procedure. These instructions
describe the method of inserting the fabric module into a chassis.
1. Grasping the module by its frame, place the module chassis railing that corresponds to the slot
where it is to be placed. The lock-levers should be in the closed position.
2. Slide the module into the chassis until it’s within three to four inches of being fully inserted (Fabric
Module-right).
3. Press the Release Button to release the lock-levers into the open position (Fabric Module-left).
4. Continue inserting the module into the chassis. If other fabric modules are in the chassis, the
module being installed should be in the same relative position (Fabric Module-right).
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com