Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7304-SFAN-R Datasheet(PDF) 29 Page - Arista Networks, Inc

Part # DCS-7304-SFAN-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7304-SFAN-R Datasheet(HTML) 29 Page - Arista Networks, Inc

Back Button DCS-7304-SFAN-R Datasheet HTML 25Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 26Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 27Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 28Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 29Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 30Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 31Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 32Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 33Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
Powering the Modular Switch
Figure 17: Power Input Sockets
The power supplies require power cables that comply with IEC-320 C19 plug. The accessory kit
provides 14 AWG, C19 to C20 power cables.
To insert a power cable:
1. Pull the retaining clip back on each power input socket.
Note: The retaining clip is optional (if provided).
2. Plug the power cables into the sockets.
3. Adjust the retaining clips if needed for your power cords (if retaining clip was provided).
4. Push the retaining clip back down over the cable (if retaining clip was provided).
4.2
Cabling the DC Power Supply
Figure 18: Secondary Ground Pads displays the location of the secondary grounding pads on front
panel (left illustration) of the switch chassis. After mounting the switch into the rack, connect the at
least one of the secondary grounds to the data center ground. After the switch is grounded, ESD wrist
straps can be grounded by connecting them to one of the attach points.
Important: Grounding wires and grounding lugs (M4 x 0.7) are not supplied. Wire size should
meet local and national installation requirements. Commercially available 4 AWG wire is
recommended for installations in the U.S.
À la terre et de mise à la terre fils cosses (M4 x 0.7) ne sont pas fournis. Calibre des fils doit
satisfaire des exigences de l’installation locale et nationale. Disponible dans le commerce des
câbles 4 AWG sont recommandé pour les installations aux États-Unis.
Important: The -48V and Battery-Return leads are a pair and should run adjacent to each
other and be approximately the same length.
Le - 48V et câbles de batterie-retour sont une paire courir à côté de l'autre et doivent être à peu
près la même longueur.
4.2.1
DC Power Supplies
The 7300 Series chassis supports two DC power supplies (Figure 4-4). Only specified power supplies
are available for use in a particular switch configuration.
•
PWR-2700-DC-R (Figure 23: PWR-2700-DC-R Power Supply ).
•
PWR-3K-DC-Blue, also referred to as PWR-3K-DC-F (Figure 22: PWR-3K-DC-Blue Power
Supply ).
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com