Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7304-SFAN-R Datasheet(PDF) 31 Page - Arista Networks, Inc

Part # DCS-7304-SFAN-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7304-SFAN-R Datasheet(HTML) 31 Page - Arista Networks, Inc

Back Button DCS-7304-SFAN-R Datasheet HTML 27Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 28Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 29Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 30Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 31Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 32Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 33Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 34Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 35Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
Powering the Modular Switch
•
Commercially available 2 to 4 AWG wire is recommended for installations in the U.S.
•
Wire size should meet local and national installation requirements.
•
Grounding wires and grounding lugs are not supplied.
•
Strip the wires to the appropriate length for the lugs.
The wires connecting the DC power supply to the power source must meet the following
requirements:
•
DC Input Wire Size: 2 – 4 AWG (33.6 mm
2 to 21.2 mm2).
•
Primary Ground Wire Size: 2 – 4 AWG (33.6 mm
2 to 21.2 mm2) per power supply.
•
The conductors are copper.
1
-48V + RTN lug
5
5/16”
9
5/8”
2
Insulated wire
6
Heat-shrink tubing
10
1/2”
3
Insulated wire
7
Heat-shrink tubing
4
Ground lug (right angle) 8
1/4”
Figure 20: Lugs Wiring Terminations
Figure 21: Ground Lug Wiring Termination (PWR-2700W-DC-R)
1
Insulated wire
3
5/16”
2
Ground lug (right angle) 4
Heat-shrink tubing
Note: You can also use a 45° angled connector instead of the straight connector shown.
2. Use agency-approved compression (pressure) lugs for wiring terminations with a single 5/16"
mounting hole. Two-hole lugs should have 1/4" mounting holes on 5/8" centers.
The PWR-2700W-DC-R ground lug is a right-angle lug. Check the terminations for the appropriate
wire size. Use a ground wire of at least 2 – 4 AWG. Use only copper wire.
3. Slip on heat-shrink tubing on the wire ends before assembling the lugs on to the wire.
•
The lugs must be crimped with the proper tool.
•
The tubing should extend over the lug’s barrel and the wire's insulator.
4. Shrink the tubing with a heat gun.
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com