Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7304-SFAN-R Datasheet(PDF) 35 Page - Arista Networks, Inc

Part # DCS-7304-SFAN-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7304-SFAN-R Datasheet(HTML) 35 Page - Arista Networks, Inc

Back Button DCS-7304-SFAN-R Datasheet HTML 31Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 32Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 33Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 34Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 35Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 36Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 37Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 38Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 39Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
Chapter
5
Connecting Serial and Management Cables
5.1
Connecting Supervisor Cables
Supervisor modules contain console, management, and USB ports. Figure 24: Supervisor Ports
(DCS-7300(-D)-SUP) displays status LED and port locations on 7300 Series Modular switch
supervisor.
Figure 24: Supervisor Ports (DCS-7300(-D)-SUP)
1
Status LED
5
Fabric module status
LED
9
Ethernet management
port
2
Active LED
6
Fan module status LED 10
USB ports
3
Power supply status
LED
7
Console serial port
11
Clock input port
4
Line card status LED
8
Ethernet management
port
12
Release lever
•
Console (Serial) Port: Connect to a PC with RJ-45 to DB-9 serial adapter cable. Default switch
settings include:
•
9600 baud
•
No flow control
•
1 stop bit
•
No parity bits
•
8 data bits
•
Ethernet Management Port: Connect to 10/100/1000 management network with RJ-45 cable.
•
USB Port: May be used for software or configuration updates.
•
Clock Input Port: Port type is MCX connector, 2-5.5V, 50 ohm termination.
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com