Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7304-SFAN-R Datasheet(PDF) 37 Page - Arista Networks, Inc

Part # DCS-7304-SFAN-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7304-SFAN-R Datasheet(HTML) 37 Page - Arista Networks, Inc

Back Button DCS-7304-SFAN-R Datasheet HTML 33Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 34Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 35Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 36Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 37Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 38Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 39Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 40Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 41Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
Chapter
6
Configuring the Switch
Arista switches ship from the factory in Zero Touch Provisioning (ZTP) mode. ZTP configures the
switch without user intervention by downloading a startup configuration file or a boot script from a
location specified by a DHCP server. To manually configure a switch, ZTP is bypassed. The initial
configuration provides one username (admin) accessible only through the console port because it has
no password.
When bypassing ZTP, initial switch access requires logging in as admin, with no password, through
the console port. Then you can configure an admin password and other password protected
usernames.
This manual configuration procedure cancels ZTP mode, logs into the switch, assigns a password
to admin, assigns an IP address to the management port, and defines a default route to a network
gateway.
1. Provide power to the switch ( Powering the Modular Switch ).
2. Connect the console port to a PC (Connecting Serial and Management Cables).
As the switch boots without a startup-config file, it displays this message through the console:
The device is in Zero Touch Provisioning mode and is attempting to
download the startup-config from a remote system. The device will not
be fully functional until either a valid startup-config is downloaded
from a remote system or Zero Touch Provisioning is cancelled. To cancel
Zero Touch Provisioning, login as admin and type 'zerotouch cancel'
at the CLI.
localhost login:
3. Log into the switch by typing
admin at the login prompt.
localhost login:admin
4. Cancel ZTP mode by typing
zerotouch cancel. IMPORTANT: This step initiates a switch
reboot.
localhost>zerotouch cancel
5. After the switch boots, log into the switch again by typing
adminat the login prompt.
Arista EOS
localhost login:admin
Last login: Fri Mar 15 13:17:13 on console
6. Enter global configuration mode.
localhost>enable
localhost#config
7. Assign a password to the admin username with the
username secret command.
localhost(config)#username admin secret pxq123
8. Configure a default route to the network gateway.
localhost(config)#ip route 0.0.0.0/0 192.0.2.1
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com