Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCS-7304-SFAN-R Datasheet(PDF) 20 Page - Arista Networks, Inc

Part # DCS-7304-SFAN-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7304-SFAN-R Datasheet(HTML) 20 Page - Arista Networks, Inc

Back Button DCS-7304-SFAN-R Datasheet HTML 16Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 17Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 18Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 19Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 20Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 21Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 22Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 23Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 24Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
Figure 6: Left Shelf – Inner View displays the inner view of the left shelf. Depending on the rack kit
ordered, each shelf may include latches to the locking mechanism that secures the shelf to the rack. If
the locking mechanism is not present, the kit shall be attached with appropriate screws (not included).
Figure 6: Left Shelf – Inner View displays latches that are closed; the insets display open latches The
inner side of each shelf is oriented toward the center of the rack.
Figure 6: Left Shelf – Inner View
1
Front post attachments
4
Rear post attachments
7
Stabilizer bar (left shelf
only)
2
Front latch (closed)
5
Slide-end
8
Front latch (open)
3
Rear latch (closed)
6
Base
9
Rear latch (open)
Figure 7: Right Shelf – Outer View displays the outside view of the right shelf, from where rack plugs
and guide pins that insert into rack posts are visible (Insets A and B). To install shelves into posts with
threaded or rounded holes, attach the shelves with bolts that fit the rack. Remove all plugs from the
shelves if present.
Figure 7: Right Shelf – Outer View
1
Front post attachments
(Inset A)
4
Rear post attachments
(Inset B)
7
Inset B
2
Base
5
Inset A
8
Rack plugs
3
Slide-end
6
Rack plugs
3.2.1.2
Mounting Ears
Figure 8: Mounting Ears displays the mounting ears, which secure the switch top to the rack. The two
mounting ears are identical and installed above each shelf. The inner side of each ear may include a
latch to the locking mechanism that secures the ear to the rack.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com