Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8317
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8317 Datasheet HTML 7Page - Analog Devices AD8317 Datasheet HTML 8Page - Analog Devices AD8317 Datasheet HTML 9Page - Analog Devices AD8317 Datasheet HTML 10Page - Analog Devices AD8317 Datasheet HTML 11Page - Analog Devices AD8317 Datasheet HTML 12Page - Analog Devices AD8317 Datasheet HTML 13Page - Analog Devices AD8317 Datasheet HTML 14Page - Analog Devices AD8317 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Data Sheet
AD8313
CIRCUIT DESCRIPTION
analog.com
Rev. F | 11 of 23
The AD8313 is an 8-stage logarithmic amplifier, specifically de-
signed for use in RF measurement and power amplifier control
applications at frequencies up to 2.5 GHz. A block diagram is
shown in Figure 22. For a detailed description of log amp theory
and design principles, refer to the AD8307 data sheet.
Figure 22. Block Diagram
A fully differential design is used. Inputs INHI and INLO (Pins 2 and
3) are internally biased to approximately 0.75 V below the supply
voltage, and present a low frequency impedance of nominally 900
Ω in parallel with 1.1 pF. The noise spectral density referred to the
input is 0.6 nV/√Hz, equivalent to a voltage of 35 V rms in a 3.5
GHz bandwidth, or a noise power of −76 dBm re: 50 Ω. This sets
the lower limit to the dynamic range; the Applications Information
section shows how to increase the sensitivity by using a matching
network or input transformer. However, the low end accuracy of
the AD8313 is enhanced by specially shaping the demodulation
transfer characteristic to partially compensate for errors due to
internal noise.
Each of the eight cascaded stages has a nominal voltage gain
of 8 dB and a bandwidth of 3.5 GHz. Each stage is supported
by precision biasing cells that determine this gain and stabilize
it against supply and temperature variations. Since these stages
are direct-coupled and the dc gain is high, an offset compensation
loop is included. The first four stages and the biasing system
are powered from Pin 4, while the later stages and the output
interfaces are powered from Pin 1. The biasing is controlled by a
logic interface PWDN (Pin 5); this is grounded for normal operation,
but may be taken high (to VS) to disable the chip. The threshold is
at VPOS/2 and the biasing functions are enabled and disabled within
1.8 µs.
Each amplifier stage has a detector cell associated with its output.
These nonlinear cells perform an absolute value (full-wave rectifica-
tion) function on the differential voltages along this backbone in a
transconductance fashion; their outputs are in current-mode form
and are thus easily summed. A ninth detector cell is added at the
input of the AD8313. Since the midrange response of each of these
nine detector stages is separated by 8 dB, the overall dynamic
range is about 72 dB (Figure 23). The upper end of this range is
determined by the capacity of the first detector cell, and occurs at
approximately 0 dBm. The practical dynamic range is over 70 dB
to the ±3 dB error points. However, some erosion of this range can
occur at temperature and frequency extremes. Useful operation to
over 3 GHz is possible, and the AD8313 remains serviceable at 10
MHz, needing only a small amount of additional ripple filtering.
Figure 23. Typical RSSI Response and Error vs. Input Power at 1.9 GHz
The fluctuating current output generated by the detector cells, with
a fundamental component at twice the signal frequency, is filtered
first by a low-pass section inside each cell, and then by the output
stage. The output stage converts these currents to a voltage, VOUT,
at VOUT (Pin 8), which can swing rail-to-rail. The filter exhibits
a 2-pole response with a corner at approximately 12 MHz and
full-scale rise time (10% to 90%) of 40 ns. The residual output ripple
at an input frequency of 100 MHz has an amplitude of under 1 mV.
The output can drive a small resistive load; it can source currents
of up to 400 µA, and sink up to 10 mA. The output is stable with
any capacitive load, though settling time could be impaired. The low
frequency incremental output impedance is approximately 0.2 Ω.
In addition to its use as an RF power measurement device (that
is, as a logarithmic amplifier), the AD8313 may also be used in
controller applications by breaking the feedback path from VOUT to
VSET (Pin 7), which determines the slope of the output (nominally
18 mV/dB). This pin becomes the setpoint input in controller modes.
In this mode, the voltage VOUT remains close to ground (typically
under 50 mV) until the decibel equivalent of the voltage VSET
is reached at the input, when VOUT makes a rapid transition to
a voltage close to VPOS (see the Operating in Controller Mode
section). The logarithmic intercept is nominally positioned at −100
dBm (re: 50 Ω); this is effective in both the log amp mode and the
controller mode.
With Pins 7 and 8 connected (log amp mode), the output can be
stated as
VOUT = VSLOPE (PIN + 100 dBm)
(1)
where PIN is the input power stated in dBm when the source
is directly terminated in 50 Ω. However, the input impedance of
the AD8313 is much higher than 50 Ω, and the sensitivity of this
device may be increased by about 12 dB by using some type
of matching network (see below), which adds a voltage gain and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com