Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8317
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8317 Datasheet HTML 9Page - Analog Devices AD8317 Datasheet HTML 10Page - Analog Devices AD8317 Datasheet HTML 11Page - Analog Devices AD8317 Datasheet HTML 12Page - Analog Devices AD8317 Datasheet HTML 13Page - Analog Devices AD8317 Datasheet HTML 14Page - Analog Devices AD8317 Datasheet HTML 15Page - Analog Devices AD8317 Datasheet HTML 16Page - Analog Devices AD8317 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Data Sheet
AD8313
INTERFACES
analog.com
Rev. F | 13 of 23
This section describes the signal and control interfaces and their
behavior. On-chip resistances and capacitances exhibit variations
of up to ±20%. These resistances are sometimes temperature-de-
pendent, and the capacitances may be voltage-dependent.
POWER-DOWN INTERFACE, PWDN
The power-down threshold is accurately centered at the midpoint of
the supply as shown in Figure 24. If Pin 5 is left unconnected or
tied to the supply voltage (recommended), the bias enable current
is shut off, and the current drawn from the supply is predominately
through a nominal 300 kΩ chain (20 µA at 3 V). When grounded,
the bias system is turned on. The threshold level is accurately at
VPOS/2. When operating in the device ON state, the input bias
current at the PWDN pin is approximately 5 µA for VPOS = 3 V.
Figure 24. Power-Down Threshold Circuitry
SIGNAL INPUTS, INHI, INLO
The simplest low frequency ac model for this interface consists
of just a 900 Ω resistance, RIN, in shunt with a 1.1 pF input capac-
itance, CIN, connected across INHI and INLO. Figure 25 shows
these distributed in the context of a more complete schematic. The
input bias voltage shown is for the enabled chip; when disabled,
it rises by a few hundred millivolts. If the input is coupled via
capacitors, this change may cause a low level signal transient to
be introduced, having a time constant formed by these capacitors
and RIN. For this reason, large coupling capacitors should be well
matched. This is not necessary when using the small capacitors
found in many impedance transforming networks used at high
frequencies.
Figure 25. Input Interface Simplified Schematic
For high frequency use, Figure 26 shows the input impedance
plotted on a Smith chart. This measured result of a typical device
includes a 191 mil 50 Ω trace and a 680 pF capacitor to ground
from the INLO pin.
Figure 26. Typical Input Impedance
LOGARITHMIC/ERROR OUTPUT, VOUT
The rail-to-rail output interface is shown in Figure 27. VOUT can
run from within about 50 mV of ground, to within about 100 mV
of the supply voltage, and is short-circuit safe to either supply.
However, the sourcing load current, ISOURCE, is limited to that which
is provided by the PNP transistor, typically 400 µA. Larger load
currents can be provided by adding an external NPN transistor (see
the Applications Information section). The dc open-loop gain of this
amplifier is high, and it may be regarded as an integrator having
a capacitance of 2 pF (CINT) driven by the current-mode signal
generated by the summed outputs of the nine detector stages,
which is scaled approximately 4.0 µA/dB.
Figure 27. Output Interface Circuitry
Thus, for midscale RF input of about 3 mV, which is some 40 dB
above the minimum detector output, this current is 160 µA, and the
output changes by 8 V/µs. When VOUT is connected to VSET, the
rise and fall times are approximately 40 ns (for RL ≥ 10 kΩ).
The nominal slew rate is 2.5 V/µs. The HF compensation technique
results in stable operation with a large capacitive load, CL, though
the positive-going slew rate is then limited by ISOURCE/CL to 1 V/µs
for CL = 400 pF.
SETPOINT INTERFACE, VSET
The setpoint interface is shown in Figure 28. The voltage, VSET,
is divided by a factor of 3 in a resistive attenuator of 18 kΩ total
resistance. The signal is converted to a current by the action of the
op amp and the resistor R3 (1.5 kΩ), which balances the current
generated by the summed output of the nine detector cells at the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com