Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8317
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8317 Datasheet HTML 12Page - Analog Devices AD8317 Datasheet HTML 13Page - Analog Devices AD8317 Datasheet HTML 14Page - Analog Devices AD8317 Datasheet HTML 15Page - Analog Devices AD8317 Datasheet HTML 16Page - Analog Devices AD8317 Datasheet HTML 17Page - Analog Devices AD8317 Datasheet HTML 18Page - Analog Devices AD8317 Datasheet HTML 19Page - Analog Devices AD8317 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Data Sheet
AD8313
APPLICATIONS INFORMATION
analog.com
Rev. F | 16 of 23
beneficial, since it requires larger coupling capacitors. The two 680
pF input coupling capacitors set the high-pass corner frequency of
the network at 9.4 MHz.
Figure 32. A Simple Broadband Resistive Input Termination
The high-pass corner frequency can be set higher according to the
equation
f3 db= 12×π×C×50
(7)
where:
C=C1×C2C1×C2
(8)
In high frequency applications, the use of a transformer, balun,
or matching network is advantageous. The impedance matching
characteristics of these networks provide what is essentially a gain
stage before the AD8313 that increases the device sensitivity. This
gain effect is explored in the following matching example.
Figure 33 and Figure 34 show device performance under these
three input conditions at 900 MHz and 1.9 GHz.
While the 900 MHz case clearly shows the effect of input matching
by realigning the intercept as expected, little improvement is seen
at 1.9 GHz. Clearly, if no improvement in sensitivity is required, a
simple 50 Ω termination may be the best choice for a given design
based on ease of use and cost of components.
Figure 33. Comparison of Terminated, Matched, and Balanced Input Drive at
900 MHz
Figure 34. Comparison of Terminated, Matched, and Balanced Input Drive at
1.9 GHz
NARROW-BAND LC MATCHING EXAMPLE AT
100 MHZ
While numerous software programs provide an easy way to calcu-
late the values of matching components, a clear understanding of
the calculations involved is valuable. A low frequency (100 MHz)
value has been used for this example because of the deleterious
board effects at higher frequencies. RF layout simulation software is
useful when board design at higher frequencies is required.
A narrow-band LC match can be implemented either as a series-
inductance/shunt-capacitance or as a series-capacitance/ shunt-in-
ductance. However, the concurrent requirement that the AD8313
inputs, INHI and INLO, be ac-coupled, makes a series-capaci-
tance/shunt-inductance type match more appropriate (Figure 35).
Figure 35. Narrow-Band Reactive Match
Typically, the AD8313 needs to be matched to 50 Ω. The input
impedance of the AD8313 at 100 MHz can be read from the Smith
chart (Figure 26) and corresponds to a resistive input impedance of
900 Ω in parallel with a capacitance of 1.1 pF.
To make the matching process simpler, the AD8313 input capaci-
tance, CIN, can be temporarily removed from the calculation by
adding a virtual shunt inductor (L2), which resonates away CIN
(Figure 36). This inductor is factored back into the calculation
later. This allows the main calculation to be based on a simple
resistive-to-resistive match, that is, 50 Ω to 900 Ω.
The resonant frequency is defined by the equation
ω= 1L2×CIN
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com