Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8317
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8317 Datasheet HTML 15Page - Analog Devices AD8317 Datasheet HTML 16Page - Analog Devices AD8317 Datasheet HTML 17Page - Analog Devices AD8317 Datasheet HTML 18Page - Analog Devices AD8317 Datasheet HTML 19Page - Analog Devices AD8317 Datasheet HTML 20Page - Analog Devices AD8317 Datasheet HTML 21Page - Analog Devices AD8317 Datasheet HTML 22Page - Analog Devices AD8317 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Data Sheet
AD8313
EVALUATION BOARD
analog.com
Rev. F | 20 of 23
SCHEMATIC AND LAYOUT
Figure 44 shows the schematic of the AD8313 evaluation board.
Note that uninstalled components are indicated as open. This board
contains the AD8313 as well as the AD8009 current-feedback
operational amplifier.
This is a 4-layer board (top and bottom signal layers, ground, and
power). The top layer silkscreen and layout are shown in Figure
42 and Figure 43. A detailed drawing of the recommended PCB
footprint for the MSOP package and the pads for the matching
components are shown in Figure 45.
The vacant portions of the signal and power layers are filled out
with ground plane for general noise suppression. To ensure a
low impedance connection between the planes, there are multiple
through-hole connections to the RF ground plane. While the ground
planes on the power and signal planes are used as general-pur-
pose ground returns, any RF grounds related to the input matching
network (for example, C2) are returned directly to the RF internal
ground plane.
GENERAL OPERATION
The AD8313 should be powered by a single supply in the range
of 2.7 V to 5.5 V. The power supply to each AD8313 VPOS pin is
decoupled by a 10 Ω resistor and a 0.1 µF capacitor. The AD8009
can run on either single or dual supplies, +5 V to ±6 V. Both the
positive and negative supply traces are decoupled using a 0.1 µF
capacitor. Pads are provided for a series resistor or inductor to
provide additional supply filtering.
The two signal inputs are ac-coupled using 680 pF high quality
RF capacitors (C1, C2). A 53.6 Ω resistor across the differential
signal inputs (INHI, INLO) combines with the internal 900 Ω input
impedance to give a broadband input impedance of 50.6 Ω. This
termination is not optimal from a noise perspective due to the
Johnson noise of the 53.6 Ω resistor. Neither does it account
for the AD8313’s reactive input impedance nor for the decrease
over frequency of the resistive component of the input impedance.
However, it does allow evaluation of the AD8313 over its complete
frequency range without having to design multiple matching net-
works.
For optimum performance, a narrow-band match can be implement-
ed by replacing the 53.6 Ω resistor (labeled L/R) with an RF
inductor and replacing the 680 pF capacitors with appropriate val-
ues. The Narrow-Band LC Matching Example at 100 MHz section
includes a table of recommended values for selected frequencies
and explains the method of calculation.
Switch 1 is used to select between power-up and power-down
modes. Connecting the PWDN pin to ground enables normal oper-
ation of the AD8313. In the opposite position, the PWDN pin can
be driven externally (SMA connector labeled ENBL) to either device
state, or it can be allowed to float to a disabled device state.
The evaluation board comes with the AD8313 configured to operate
in RSSI/measurement mode. This mode is set by the 0 Ω resistor
(R11), which shorts the VOUT and VSET pins to each other. When
using the AD8009, the AD8313 logarithmic output appears on the
SMA connector labeled VOUT. Using only the AD8313, the log
output can be measured at TP1 or the SMA connector labeled
VSET.
USING THE AD8009 OPERATIONAL
AMPLIFIER
The AD8313 can supply only 400 µA at VOUT. It is also sensitive
to capacitive loading, which can cause inaccurate measurements,
especially in applications where the AD8313 is used to measure the
envelope of RF bursts.
The AD8009 alleviates both of these issues. It is an ultrahigh speed
current feedback amplifier capable of delivering over 175 mA of
load current, with a slew rate of 5,500 V/µs, which results in a rise
time of 545 ps, making it ideal as a pulse amplifier.
The AD8009 is configured as a buffer amplifier with a gain of 1.
Other gain options can be implemented by installing the appropriate
resistors at R10 and R12.
Various output filtering and loading options are available using
R5, R6, and C6. Note that some capacitive loads may cause the
AD8009 to become unstable. It is recommended that a 42.2 Ω
resistor be installed at R5 when driving a capacitive load. More
details can be found in the AD8009 data sheet.
VARYING THE LOGARITHMIC SLOPE
The slope of the AD8313 can be increased from its nominal value
of 18 mV/dB to a maximum of 40 mV/dB by removing R11, the
0 Ω resistor, which shorts VSET to VOUT. VSET and VOUT are
now connected through the 20 kΩ potentiometer. The AD8009 must
be configured for a gain of 1 to accurately vary the slope of the
AD8313.
OPERATING IN CONTROLLER MODE
To put the AD8313 into controller mode, R7 and R11 should be
removed, breaking the link between VOUT and VSET. The VSET
pin can then be driven externally via the SMA connector labeled
VSET.
RF BURST RESPONSE
The VOUT pin of the AD8313 is very sensitive to capacitive loading,
as a result care must be taken when measuring the device’s
response to RF bursts. For best possible response time measure-
ments it is recommended that the AD8009 be used to buffer the
output from the AD8313. No connection should be made to TP1,
the added load will effect the response time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com