Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8317
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8317 Datasheet HTML 11Page - Analog Devices AD8317 Datasheet HTML 12Page - Analog Devices AD8317 Datasheet HTML 13Page - Analog Devices AD8317 Datasheet HTML 14Page - Analog Devices AD8317 Datasheet HTML 15Page - Analog Devices AD8317 Datasheet HTML 16Page - Analog Devices AD8317 Datasheet HTML 17Page - Analog Devices AD8317 Datasheet HTML 18Page - Analog Devices AD8317 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Data Sheet
AD8313
APPLICATIONS INFORMATION
analog.com
Rev. F | 15 of 23
BASIC CONNECTIONS FOR LOG (RSSI) MODE
Figure 29 shows the AD8313 connected in its basic measurement
mode. A power supply between 2.7 V and 5.5 V is required. The
power supply to each of the VPOS pins should be decoupled with a
0.1 µF surface-mount ceramic capacitor and a 10 Ω series resistor.
The PWDN pin is shown as grounded. The AD8313 may be disa-
bled by a logic high at this pin. When disabled, the chip current is
reduced to about 20 µA from its normal value of 13.7 mA. The logic
threshold is at VPOS/2, and the enable function occurs in about 1.8
µs. However, that additional settling time is generally needed at low
input levels. While the input in this case is terminated with a simple
50 Ω broadband resistive match, there are many ways in which the
input termination can be accomplished. These are discussed in the
Input Coupling section.
VSET is connected to VOUT to establish a feedback path that
controls the overall scaling of the logarithmic amplifier. The load
resistance, RL, should not be lower than 5 kΩ so that the full-scale
output of 1.75 V can be generated with the limited available current
of 400 µA max.
As stated in the Absolute Maximum Ratings table, an externally
applied overvoltage on the VOUT pin, which is outside the range 0
V to VPOS, is sufficient to cause permanent damage to the device.
If overvoltages are expected on the VOUT pin, a series resistor,
RPROT, should be included as shown. A 500 Ω resistor is sufficient
to protect against overvoltage up to ±5 V; 1000 Ω should be used if
an overvoltage of up to ±15 V is expected. Since the output stage is
meant to drive loads of no more than 400 µA, this resistor does not
impact device performance for higher impedance drive applications
(higher output current applications are discussed in the Increasing
Output Current section).
Figure 29. Basic Connections for Log (RSSI) Mode
OPERATING IN CONTROLLER MODE
Figure 30 shows the basic connections for operation in controller
mode. The link between VOUT and VSET is broken and a setpoint
is applied to VSET. Any difference between VSET and the equivalent
input power to the AD8313 drives VOUT either to the supply rail or
close to ground. If VSET is greater than the equivalent input power,
VOUT is driven toward ground, and vice versa.
Figure 30. Basic Connections for Operation in the Controller Mode
This mode of operation is useful in applications where the output
power of an RF power amplifier (PA) is to be controlled by an
analog AGC loop (Figure 31). In this mode, a setpoint voltage, pro-
portional in dB to the desired output power, is applied to the VSET
pin. A sample of the output power from the PA, via a directional
coupler or other means, is fed to the input of the AD8313.
Figure 31. Setpoint Controller Operation
VOUT is applied to the gain control terminal of the power amplifier.
The gain control transfer function of the power amplifier should be
an inverse relationship, that is, increasing voltage decreases gain.
A positive input step on VSET (indicating a demand for increased
power from the PA) drives VOUT toward ground. This should be
arranged to increase the gain of the PA. The loop settles when
VOUT settles to a voltage that sets the input power to the AD8313 to
the dB equivalent of VSET.
INPUT COUPLING
The signal can be coupled to the AD8313 in a variety of ways. In all
cases, there must not be a dc path from the input pins to ground.
Some of the possibilities include dual-input coupling capacitors, a
flux-linked transformer, a printed circuit balun, direct drive from a
directional coupler, or a narrow-band impedance matching network.
Figure 32 shows a simple broadband resistive match. A termination
resistor of 53.6 Ω combines with the internal input impedance
of the AD8313 to give an overall resistive input impedance of
approximately 50 Ω. It is preferable to place the termination resistor
directly across the input pins, INHI to INLO, where it lowers the
possible deleterious effects of dc offset voltages on the low end of
the dynamic range. At low frequencies, this may not be quite as



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com