Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8317
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8317 Datasheet HTML 8Page - Analog Devices AD8317 Datasheet HTML 9Page - Analog Devices AD8317 Datasheet HTML 10Page - Analog Devices AD8317 Datasheet HTML 11Page - Analog Devices AD8317 Datasheet HTML 12Page - Analog Devices AD8317 Datasheet HTML 13Page - Analog Devices AD8317 Datasheet HTML 14Page - Analog Devices AD8317 Datasheet HTML 15Page - Analog Devices AD8317 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Data Sheet
AD8313
CIRCUIT DESCRIPTION
analog.com
Rev. F | 12 of 23
lowers the intercept by the same amount. Dependence on the
reference impedance can be avoided by restating the expression as
VOUT = 20 × VSLOPE × log × (VIN / 2.2 μV)
(2)
where VIN is the rms value of a sinusoidal input appearing across
Pins 2 and 3; here, 2.2 µV corresponds to the intercept, expressed
in voltage terms. For detailed information on the effect of signal
waveform and metrics on the intercept positioning for a log amp,
refer to the AD8307 data sheet.
With Pins 7 and 8 disconnected (controller mode), the output can
be stated as
VOUT → VS when VSLOPE log (PIN / 100) > VSET
(3)
VOUT → 0 when VSLOPE log (PIN / 100) < VSET
(4)
when the input is stated in terms of the power of a sinusoidal signal
across a net termination impedance of 50 Ω. The transition zone
between high and low states is very narrow since the output stage
behaves essentially as a fast integrator. The above equations can
be restated as
VOUT → VS when VSLOPE log (VIN / 2.2 μV) > VSET
(5)
VOUT → 0 when VSLOPE log (VIN / 2.2 μV) < VSET
(6)
Another use of the separate VOUT and VSET pins is in raising the
load-driving current capability by including an external NPN emitter
follower. More complete information about usage in these modes is
provided in the Applications Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com