Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMW-A101-R50J1 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMW-A101-R50J1
Description  White Surface Mount LED Indicator SMT PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMW-A101-R50J1 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HSMW-A101-R50J1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
14.4 (MAX. MEASURED AT HUB)
7.9 (MIN.)
10.9 (MAX.)
62.5
2 +0.5
- 0
∅
20.5± 0.3
∅
13± 0.2
+0
- 2.5
8.4
(MEASURED AT OUTER EDGE)
+1.50
- 0.00
180
LABEL AREA (111 mm x 57 mm)
WITH DEPRESSION (0.25 mm)
CATHODE SIDE
PRINTED LABEL
USER FEED DIRECTION
Figure 11. Reel dimensions.
Figure 12. Reeling orientation.
Moisture Sensitivity
This product is qualified as Moisture Sensitive Level 2a
per Jedec J-STD-020. Precautions when handling this
moisture sensitive product is important to ensure the reli-
ability of the product. Do refer to Avago Application Note
AN5305 Handling of Moisture Sensitive Surface Mount
Devices for details.
A. Storage before use
- Unopen moisture barrier bag (MBB) can be stored
at <40°C/90%RH for 12 months. If the actual shelf
life has exceeded 12 months and the HIC indicates
that baking is not required, then it is safe to reflow
the LEDs per the original MSL rating.
- It is not recommended to open the MBB prior to
assembly (e.g. for IQC).
B. Control after opening the MBB
- The humidity indicator card (HIC) shall be read
immediately upon opening of MBB.
- The LEDs must be kept at <30°C / 60%RH at all time
and all high temperature related process including
soldering, curing or rework need to be completed
within 672 hours.
C. Control for unfinished reel
- For any unuse LEDs, they need to be stored in sealed
MBB with desiccant or desiccator at <5%RH.
D. Control of assembled boards
- If the PCB soldered with the LEDs is to be subjected
to other high temperature processes, the PCB
need to be stored in sealed MBB with desiccant
or desiccator at <5%RH to ensure no LEDs have
exceeded their floor life of 672 hours.
E. Baking is required if:
- “10%” or “15%” HIC indicator turns pink.
- The LEDs are exposed to condition of >30°C / 60%
RH at any time.
- The LEDs floor life exceeded 672 hours.
Recommended baking condition: 60±5°C for 20 hours.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com