Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMW-A101-R50J1 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMW-A101-R50J1
Description  White Surface Mount LED Indicator SMT PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMW-A101-R50J1 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSMW-A101-R50J1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Absolute Maximum Ratings (TA = 25°C)
Parameters
HSMW
DC Forward Current[1]
30 mA
Peak Forward Current[2]
90 mA
Power Dissipation
114 mW
Reverse Voltage
5 V
Junction Temperature
110°C
Operating Temperature
–40°C to +100°C
Storage Temperature
–40°C to +100°C
Notes:
1. Derate linearly as shown in Figure 4.
2. Duty factor = 10%, frequency = 1 kHz.
Optical Characteristics (TA = 25°C)
Luminous
Luminous Intensity/
Typ. Chromaticity
Viewing Angle
Efficacy, hV[3]
Total Flux
Dice
Coordinates[1]
2q1/2[2] (Degrees)
(lm/W)
IV (mcd)/FV (lm)
Color
Part Number
Technology
x
y
Typ.
Typ.
Typ.
White HSMW-A10x
InGaN
0.31
0.31
120
260
0.45
Notes:
1. The chromaticity coordinates are derived from the CIE 1931 Chromaticity Diagram and represent the perceived color of the device.
2.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
3. Radiant intensity, Ie in watts/steradian, may be calculated from the equation Ie = Iv/ηv, where Iv is the luminous intensity in candelas and ηv is
the luminous efficacy in lumens/watt.
Electrical Characteristics (TA = 25°C)
Part
Forward Voltage, VF (Volts) @ IF = 20 mA
Reverse Voltage, VR @ 10 µA
Thermal Resistance
Number
Typ.
Max.
Min.
R
θJP (°C/W)
HSMW
3.4
4.05
5
280



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com