Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMW-A101-R50J1 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMW-A101-R50J1
Description  White Surface Mount LED Indicator SMT PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMW-A101-R50J1 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSMW-A101-R50J1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
This family of SMT LEDs is packaged in the industry
standard PLCC-2 package. These SMT LEDs have high
reliability performance and are designed to work under
a wide range of environmental conditions. This high
reliability feature makes them ideally suited to be used
under harsh interior automotive as well as interior signs
application conditions.
To facilitate easy pick & place assembly, the LEDs are
packed in EIA-compliant tape and reel. Every reel will be
shipped in single intensity and color bin.
These LEDs are compatible with IR solder reflow
process.
The super wide viewing angle at 120° makes these
LEDs ideally suited for panel, push button, or general
backlighting in automotive interior, office quipment,
industrial equipment, and home appliances. The flat top
emitting surface makes it easy for these LEDs to mate
with light pipes. With the built-in reflector pushing up
the intensity of the light output, these LEDs are also
suitable to be used as LED pixels in interior electronic
signs.
The super high brightness white PLCC-2 SMT LED is
ideal for all kinds of backlighting applications in interior
automotive, office automation, electrical appliance
and industrial instrument markets to offer a clear and
attractive product differentiation. The wide viewing
angle at 120˚also enables this white PLCC-2 SMT LED
to be used in localised area ambience lighting in
applications such as vanity mirror light, cabin light, and
car door puddle light. The white color backlighting of-
fered by this series of white PLCC-2 SMT LED is suitable to
backlight color LCD screen in applications such as GPS
(global positioning system) screens in cars.
HSMW-A10x-xxxxx
White Surface Mount LED Indicator
SMT PLCC-2
Data Sheet
CAUTION: HSMW-A10x LEDs are Class 2 ESD sensitive. Please observe appropriate precautions during
handling and processing. Refer to Avago Technologies Application Note AN-1142 for additional details.
Features
• Industry standard PLCC-2 package (plastic leaded
chip carrier)
• Super high reliability LED package
• Tight white color binning
• Super wide viewing angle at 120˚
• Available in 8 mm carrier tape on 7-inch reel (2000
pieces)
• Compatible with IR and TTW soldering process
Applications
• Interior automotive
– Instrument panel backlighting
– Central console backlighting
– Cabin backlighting
• Office automation, home appliances, industrial
equipment
– Front panel backlighting
– Push button backlighting
– Display backlighting


Similar Part No. - HSMW-A101-R50J1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMW-A100-U40H1 AVAGO-HSMW-A100-U40H1 Datasheet
246Kb / 8P
White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-U40J1 AVAGO-HSMW-A100-U40J1 Datasheet
246Kb / 8P
White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-V40J1 AVAGO-HSMW-A100-V40J1 Datasheet
246Kb / 8P
White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-V4MH1 AVAGO-HSMW-A100-V4MH1 Datasheet
246Kb / 8P
White Surface Mount LED Indicator SMT PLCC-2
More results

Similar Description - HSMW-A101-R50J1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-A100-P70J1 AVAGO-HSMC-A100-P70J1 Datasheet
301Kb / 13P
PLCC-2, Surface Mount LED Indicator
HSMS-A100-J00J1 AVAGO-HSMS-A100-J00J1 Datasheet
356Kb / 13P
PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
ASMT-UWB1-NX302 AVAGO-ASMT-UWB1-NX302 Datasheet
118Kb / 8P
OneWhite Surface Mount PLCC-2 LED Indicator
ASMT-UWB1-ZX302 AVAGO-ASMT-UWB1-ZX302 Datasheet
477Kb / 9P
OneWhite Surface Mount PLCC-2 LED Indicator
ASMT-UWB2-NX302 AVAGO-ASMT-UWB2-NX302 Datasheet
352Kb / 9P
OneWhite Surface Mount PLCC-2 LED Indicator
HSMW-A100-U40H1 AVAGO-HSMW-A100-U40H1 Datasheet
246Kb / 8P
White Surface Mount LED Indicator SMT PLCC-2
logo
Broadcom Corporation.
ASMT-UWB1-NX302 BOARDCOM-ASMT-UWB1-NX302 Datasheet
780Kb / 12P
OneWhite Surface-Mount PLCC-2 LED Indicator
HSMS-A100-J00J1 BOARDCOM-HSMS-A100-J00J1 Datasheet
788Kb / 17P
PLCC-2, Surface Mount LED Indicator
HSMX-A10X-XXXXX BOARDCOM-HSMX-A10X-XXXXX Datasheet
768Kb / 17P
PLCC-2, Surface Mount LED Indicator
ASMT-UWB1-NXXXX BOARDCOM-ASMT-UWB1-NXXXX Datasheet
726Kb / 12P
OneWhite Surface-Mount PLCC-2 LED Indicator
June 5, 2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com