Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMW-A101-R50J1 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMW-A101-R50J1
Description  White Surface Mount LED Indicator SMT PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMW-A101-R50J1 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSMW-A101-R50J1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
2.60
4.50
1.50
SOLDER RESIST
240
°C MAX.
20 SEC. MAX.
3
°C/SEC.
MAX.
120 SEC. MAX.
TIME
183
°C
100-150
°C
Ð6
°C/SEC.
MAX.
60-150 SEC.
3
°C/SEC. MAX.
217
°C
MAX. 120 SEC.
6
°C/SEC. MAX.
3
°C/SEC. MAX.
125
°C ± 25 °C
255
°C
60 to 150 SEC.
10 to 20 SEC.
TIME
* THE TIME FROM 25
°C TO PEAK TEMPERATURE = 6 MINUTES MAX.
+5
°C
-0
°C
PREHEAT
FLUXING
0
6
0
TIME Ð SECONDS
0
100
30
50
200
150
250
20
40
70
10
30
50
80
90
100
TURBULENT WAVE
LAMINAR WAVE
BOTTOM SIDE
OF PC BOARD
TOP SIDE
OF PC BOARD
HOT AIR KNIFE
CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN)
PREHEAT SETTING = 150
°C (100°C PCB)
SOLDER WAVE TEMPERATURE = 245
°C
AIR KNIFE TEMPERATURE = 390
°C
AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.)
AIR KNIFE ANGLE = 40
°
SOLDER: SN63; FLUX: RMA
NOTE: ALLOW FOR BOARDS TO BE SUFFICIENTLY
COOLED BEFORE EXERTING MECHANICAL FORCE.
Figure 6a. Recommended SnPb reflow soldering profile.
Figure 7. Recommended wave soldering profile.
Figure 8. Recommended soldering pad pattern.
Figure 6b. Recommended Pb-free reflow soldering profile.
Note: For detail information on reflow soldering of Avago surface mount LEDs, do refer to Avago Application Note AN 1060 Surface Mounting SMT
LED Indicator Components.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com