Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMW-A101-R50J1 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMW-A101-R50J1
Description  White Surface Mount LED Indicator SMT PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMW-A101-R50J1 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HSMW-A101-R50J1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
200 mm MIN. FOR 180 REEL.
200 mm MIN. FOR 330 REEL.
TRAILER
COMPONENT
LEADER
480 mm MIN. FOR 180 REEL.
960 mm MIN. FOR 330 REEL.
C
A
USER FEED DIRECTION
C
A
4
± 0.1
4
± 0.1
2
± 0.05
3.05
± 0.1
3.5
± 0.05
8
+0.3
- 0.1
1.75
± 0.1
3.81
± 0.1
2.29
± 0.1
0.229
± 0.01
8
°
1.5
+0.1
-0
1
+0.1
- 0
Figure 9. Tape leader and trailer dimension.
Figure 10. Tape dimension.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com