Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMW-A101-R50J1 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMW-A101-R50J1
Description  White Surface Mount LED Indicator SMT PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMW-A101-R50J1 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  HSMW-A101-R50J1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMW-A101-R50J1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries.
Data subject to change. Copyright © 2007 Avago Technologies Limited. All rights reserved. Obsoletes AV01-0645EN
AV02-0490EN - June 19, 2007
Intensity Bin Select (X5X6)
Individual reel will contain parts
from one half bin only.
X5
Min Iv Bin
X6
0
Full Distribution
3
3 half bins starting from X51
4
4 half bins starting from X51
5
5 half bins starting from X51
7
3 half bins starting from X52
8
4 half bins starting from X52
9
5 half bins starting from X52
Intensity Bin Limits
Bin ID
Min. (mcd)
Max. (mcd)
Q1
71.50
90.00
Q2
90.00
112.50
R1
112.50
140.00
R2
140.00
180.00
S1
180.00
224.00
S2
224.00
285.00
T1
285.00
355.00
T2
355.00
450.00
U1
450.00
560.00
U2
560.00
715.00
V1
715.00
900.00
V2
900.00
1125.00
Tolerance of each bin limit = ± 12%.
Color Bin Limits
Bin ID
Limits (Chromaticity Coordinates)
A
x
0.352
0.365
0.365
0.352
y
0.377
0.395
0.360
0.341
B
x
0.340
0.352
0.352
0.340
y
0.360
0.377
0.341
0.325
C
x
0.327
0.340
0.340
0.327
y
0.342
0.360
0.325
0.306
D
x
0.315
0.327
0.327
0.315
y
0.325
0.342
0.306
0.290
E
x
0.302
0.315
0.315
0.302
y
0.307
0.325
0.290
0.271
F
x
0.290
0.302
0.302
0.290
y
0.290
0.307
0.271
0.255
Packaging Option (X8X9)
Option Test
Package
Reel
Current
Type
Size
J1
20 mA
Top
7 inch
Mount
J2
10 mA
Top
7 inch
Mount
Figure 14.
Color Bin Select (X7)
Individual reel will contain parts
from one full bin only.
X7
0
Full Distribution
Z
A and B only
Y
B and C only
W
C and D only
V
D and E only
U
E and F only
Q
A, B and C only
P
B, C and D only
N
C, D and E only
M
D, E and F only
1
A, B, C and D only
3
B, C, D and E only
4
C, D, E and F only
5
A, B, C, D and E only
6
B, C, D, E and F only
Note: Tolerance for each bin limit = ± 0.02.
0.25
0.40
0.25
0.30
0.40
X-COORDINATE
0.35
0.30
0.35
F
E
D
C
B
A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com