Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK Datasheet(PDF) 90 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 90 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 86Page - STMicroelectronics ST72324BK Datasheet HTML 87Page - STMicroelectronics ST72324BK Datasheet HTML 88Page - STMicroelectronics ST72324BK Datasheet HTML 89Page - STMicroelectronics ST72324BK Datasheet HTML 90Page - STMicroelectronics ST72324BK Datasheet HTML 91Page - STMicroelectronics ST72324BK Datasheet HTML 92Page - STMicroelectronics ST72324BK Datasheet HTML 93Page - STMicroelectronics ST72324BK Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 188 page
background image
On-chip peripherals
ST72324B
90/188
Alternate Counter Low Register (ACLR)
This is an 8-bit register that contains the low part of the counter value. A write to this register
resets the counter. An access to this register after an access to CSR register does not clear
the TOF bit in the CSR register.
Input Capture 2 High Register (IC2HR)
This is an 8-bit register that contains the high part of the counter value (transferred by the
Input Capture 2 event).
Input Capture 2 Low Register (IC2LR)
This is an 8-bit register that contains the low part of the counter value (transferred by the
Input Capture 2 event).
ACLR
Reset value: 1111 1100 (FCh)
7
654
32
10
MSB
LSB
RO
RO
RO
RO
RO
RO
RO
RO
1C2HR
Reset value: undefined
7
654
32
10
MSB
LSB
RO
RO
RO
RO
RO
RO
RO
RO
1C2LR
Reset value: undefined
7
654
32
10
MSB
LSB
RO
RO
RO
RO
RO
RO
RO
RO
Table 51.
16-bit timer register map and reset values
Address
(Hex.)
Register
label
76
543210
Timer A: 32
Timer B: 42
CR1
Reset value
ICIE
0
OCIE
0
TOIE
0
FOLV2
0
FOLV1
0
OLVL2
0
IEDG1
0
OLVL1
0
Timer A: 31
Timer B: 41
CR2
Reset value
OC1E
0
OC2E
0
OPM
0
PWM
0
CC1
0
CC0
0
IEDG2
0
EXEDG
0
Timer A: 33
Timer B: 43
CSR
Reset value
ICF1
x
OCF1
x
TOF
x
ICF2
x
OCF2
x
TIMD
0
-
x
-
x
Timer A: 34
Timer B: 44
IC1HR
Reset value
MSB
xxxxxxx
LSB
x
Timer A: 35
Timer B: 45
IC1LR
Reset value
MSB
xxxxxxx
LSB
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com