Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 18Page - STMicroelectronics ST72324BK Datasheet HTML 19Page - STMicroelectronics ST72324BK Datasheet HTML 20Page - STMicroelectronics ST72324BK Datasheet HTML 21Page - STMicroelectronics ST72324BK Datasheet HTML 22Page - STMicroelectronics ST72324BK Datasheet HTML 23Page - STMicroelectronics ST72324BK Datasheet HTML 24Page - STMicroelectronics ST72324BK Datasheet HTML 25Page - STMicroelectronics ST72324BK Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 188 page
background image
Central processing unit (CPU)
ST72324B
22/188
5
Central processing unit (CPU)
5.1
Introduction
This CPU has a full 8-bit architecture and contains six internal registers allowing efficient 8-
bit data manipulation.
5.2
Main features
●
Enable executing 63 basic instructions
●
Fast 8-bit by 8-bit multiply
●
17 main addressing modes (with indirect addressing mode)
●
Two 8-bit index registers
●
16-bit stack pointer
●
Low power Halt and Wait modes
●
Priority maskable hardware interrupts
●
Non-maskable software/hardware interrupts
5.3
CPU registers
The six CPU registers shown in Figure 9 are not present in the memory mapping and are
accessed by specific instructions.
Figure 9.
CPU registers
Accumulator
X index register
Y index register
Stack pointer
Condition code register
Program counter
70
1C
1I1 H I0 N Z
Reset value = reset vector @ FFFEh-FFFFh
70
70
70
0
7
15
8
PCH
PCL
15
87
0
Reset value = stack higher address
Reset value = 1
X
11 X 1 X X
Reset value = XXh
Reset value = XXh
Reset value = XXh
X = undefined value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com