Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 10Page - STMicroelectronics ST72324BK Datasheet HTML 11Page - STMicroelectronics ST72324BK Datasheet HTML 12Page - STMicroelectronics ST72324BK Datasheet HTML 13Page - STMicroelectronics ST72324BK Datasheet HTML 14Page - STMicroelectronics ST72324BK Datasheet HTML 15Page - STMicroelectronics ST72324BK Datasheet HTML 16Page - STMicroelectronics ST72324BK Datasheet HTML 17Page - STMicroelectronics ST72324BK Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 188 page
background image
Pin description
ST72324B
14/188
41 34 23 26 OSC2(3)
O
Resonator oscillator inverter output
42 35 24 27 OSC1(3)
I
External clock input or Resonator
oscillator inverter input
43 36 25 28 VDD_2
(1)
S
Digital Main Supply Voltage
44 37 26 29 PE0/TDO
I/O CT
X
X
X
X
Port E0
SCI Transmit Data Out
1
38 27 30 PE1/RDI
I/O CT
X
X
X
X
Port E1
SCI Receive Data In
2
39 28 31 PB0
I/O CT
Xei2
X
X
Port B0
Caution: Negative current
injection not allowed on
this pin(4)
3
40
PB1
I/O CT
Xei2
X
X
Port B1
4
41
PB2
I/O CT
Xei2
X
X
Port B2
5
42 29 32 PB3
I/O CT
X
ei
2
XX
Port B3
1.
It is mandatory to connect all available VDD and VREF pins to the supply voltage and all VSS and VSSA pins to ground.
2.
On the chip, each I/O port has eight pads. Pads that are not bonded to external pins are in input pull-up configuration after
reset. The configuration of these pads must be kept at reset state to avoid added current consumption.
3.
OSC1 and OSC2 pins connect a crystal/ceramic resonator, or an external source to the on-chip oscillator; see Section 1:
Description and Section 12.6: Clock and timing characteristics for more details.
4.
For details refer to Section 12.9.1 on page 153
Table 1.
Device pin description (continued)
Pin No.
Pin Name
Level
Port
Main
function
(after
reset)
Alternate Function
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com