Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 39Page - STMicroelectronics ST72324BK Datasheet HTML 40Page - STMicroelectronics ST72324BK Datasheet HTML 41Page - STMicroelectronics ST72324BK Datasheet HTML 42Page - STMicroelectronics ST72324BK Datasheet HTML 43Page - STMicroelectronics ST72324BK Datasheet HTML 44Page - STMicroelectronics ST72324BK Datasheet HTML 45Page - STMicroelectronics ST72324BK Datasheet HTML 46Page - STMicroelectronics ST72324BK Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 188 page
background image
ST72324B
Interrupts
43/188
7.6
External interrupts
7.6.1
I/O port interrupt sensitivity
The external interrupt sensitivity is controlled by the IPA, IPB and ISxx bits of the EICR
register (Figure 22). This control allows up to four fully independent external interrupt source
sensitivities.
Each external interrupt source can be generated on four (or five) different events on the pin:
●
Falling edge
●
Rising edge
●
Falling and rising edge
●
Falling edge and low level
●
Rising edge and high level (only for ei0 and ei2)
To guarantee correct functionality, the sensitivity bits in the EICR register can be modified
only when the I1 and I0 bits of the CC register are both set to 1 (level 3). This means that
interrupts must be disabled before changing sensitivity.
The pending interrupts are cleared by writing a different value in the ISx[1:0], IPA or IPB bits
of the EICR.
Figure 22.
External interrupt control bits
IS10
IS11
EICR
PBOR.3
PBDDR.3
IPB BIT
PB3
ei2 interrupt source
Port B [3:0] interrupts
PB3
PB2
PB1
PB0
IS10
IS11
EICR
PBOR.4
PBDDR.4
PB4
ei3 interrupt source
Port B4 interrupt
IS20
IS21
EICR
PAOR.3
PADDR.3
IPA BIT
PA3
ei0 interrupt source
Port A3 interrupt
IS20
IS21
EICR
PFOR.2
PFDDR.2
PF2
ei1 interrupt source
Port F [2:0] interrupts
PF2
PF1
PF0
Sensitivity
control
Sensitivity
control
Sensitivity
Sensitivity
control
control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com