Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 45Page - STMicroelectronics ST72324BK Datasheet HTML 46Page - STMicroelectronics ST72324BK Datasheet HTML 47Page - STMicroelectronics ST72324BK Datasheet HTML 48Page - STMicroelectronics ST72324BK Datasheet HTML 49Page - STMicroelectronics ST72324BK Datasheet HTML 50Page - STMicroelectronics ST72324BK Datasheet HTML 51Page - STMicroelectronics ST72324BK Datasheet HTML 52Page - STMicroelectronics ST72324BK Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 188 page
background image
ST72324B
Power saving modes
49/188
8.4
Active Halt and Halt modes
Active Halt and Halt modes are the two lowest power consumption modes of the MCU. They
are both entered by executing the ‘HALT’ instruction. The decision to enter either in Active
Halt or Halt mode is given by the MCC/RTC interrupt enable flag (OIE bit in the MCCSR
register).
8.4.1
Active Halt mode
Active Halt mode is the lowest power consumption mode of the MCU with a real-time clock
available. It is entered by executing the ‘HALT’ instruction when the OIE bit of the Main Clock
Controller Status register (MCCSR) is set (see Section 10.2: Main clock controller with real-
time clock and beeper (MCC/RTC) on page 64 for more details on the MCCSR register).
The MCU can exit Active Halt mode on reception of either an MCC/RTC interrupt, a specific
interrupt (see Table 24: Interrupt mapping) or a reset. When exiting Active Halt mode by
means of an interrupt, no 256 or 4096 CPU cycle delay occurs. The CPU resumes operation
by servicing the interrupt or by fetching the reset vector which woke it up (see Figure 27).
When entering Active Halt mode, the I[1:0] bits in the CC register are forced to ‘10b’ to
enable interrupts. Therefore, if an interrupt is pending, the MCU wakes up immediately.
In Active Halt mode, only the main oscillator and its associated counter (MCC/RTC) are
running to keep a wake-up time base. All other peripherals are not clocked except those
which get their clock supply from another clock generator (such as external or auxiliary
oscillator).
The safeguard against staying locked in Active Halt mode is provided by the oscillator
interrupt.
Note:
As soon as the interrupt capability of one of the oscillators is selected (MCCSR.OIE bit set),
entering Active Halt mode while the Watchdog is active does not generate a reset.
This means that the device cannot spend more than a defined delay in this power saving
mode.
Caution:
When exiting Active Halt mode following an interrupt, OIE bit of MCCSR register must not be
cleared before tDELAY after the interrupt occurs (tDELAY = 256 or 4096 tCPU delay depending
on option byte). Otherwise, the ST7 enters Halt mode for the remaining tDELAY period.
Figure 26.
Active Halt timing overview
1.
This delay occurs only if the MCU exits Active Halt mode by means of a reset.
Table 25.
MCC/RTC low power mode selection
MCCSR OIE bit
Power saving mode entered when HALT instruction is executed
0
Halt mode
1
Active Halt mode
Halt
Run
Run
256 or 4096 CPU
cycle delay(1)
Reset
or
interrupt
Halt
instruction
Fetch
vector
Active
[MCCSR.OIE = 1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com