Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST72324BK
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST72324BK Datasheet HTML 11Page - STMicroelectronics ST72324BK Datasheet HTML 12Page - STMicroelectronics ST72324BK Datasheet HTML 13Page - STMicroelectronics ST72324BK Datasheet HTML 14Page - STMicroelectronics ST72324BK Datasheet HTML 15Page - STMicroelectronics ST72324BK Datasheet HTML 16Page - STMicroelectronics ST72324BK Datasheet HTML 17Page - STMicroelectronics ST72324BK Datasheet HTML 18Page - STMicroelectronics ST72324BK Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 188 page
background image
ST72324B
Register and memory map
15/188
3
Register and memory map
As shown in Figure 6, the MCU is capable of addressing 64 Kbytes of memories and I/O
registers.
The available memory locations consist of 128 bytes of register locations, up to 1024 bytes
of RAM and up to 32 Kbytes of user program memory. The RAM space includes up to 256
bytes for the stack from 0100h to 01FFh.
The highest address bytes contain the user reset and interrupt vectors.
Caution:
Never access memory locations marked as ‘Reserved’. Accessing a reserved area can
have unpredictable effects on the device.
Figure 6.
Memory map
0000h
RAM
Program memory
(32, 16 or 8 Kbytes)
Interrupt and reset vectors
HW registers
0080h
007Fh
7FFFh
(see Table 2)
8000h
FFDFh
FFE0h
FFFFh
(see Table 24)
0480h
Reserved
047Fh
Short addressing
RAM (zero page)
256 bytes stack
16-bit addressing
RAM
0100h
01FFh
027Fh
0080h
0200h
00FFh
32 Kbytes
8000h
FFFFh
or 047Fh
16 Kbytes
C000h
(1024, 512 or 384 bytes)
8 Kbytes
E000h
Table 2.
Hardware register map
Address
Block
Register label
Register name
Reset status
Remarks
0000h
0001h
0002h
Port A(1)
PADR
PADDR
PAOR
Port A data register
Port A data direction register
Port A option register
00h(2)
00h
00h
R/W
R/W
R/W
0003h
0004h
0005h
Port B(1)
PBDR
PBDDR
PBOR
Port B data register
Port B data direction register
Port B option register
00h(2)
00h
00h
R/W
R/W
R/W
0006h
0007h
0008h
Port C
PCDR
PCDDR
PCOR
Port C data register
Port C data direction register
Port C option register
00h(2)
00h
00h
R/W
R/W
R/W
0009h
000Ah
000Bh
Port D(1)
PDADR
PDDDR
PDOR
Port D data register
Port D data direction register
Port D option register
00h(2)
00h
00h
R/W
R/W
R/W
000Ch
000Dh
000Eh
Port E(1)
PEDR
PEDDR
PEOR
Port E data register
Port E data direction register
Port E option register
00h(2)
00h
00h
R/W
R/W(1)
R/W(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com