Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440SP Datasheet(PDF) 60 Page - Applied Micro Circuits Corporation

Part # 440SP
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440SP Datasheet(HTML) 60 Page - Applied Micro Circuits Corporation

Back Button 440SP Datasheet HTML 56Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 57Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 58Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 59Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 60Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 61Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 62Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 63Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 64Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 85 page
background image
PowerPC 440SP Embedded Processor
60
AMCC Proprietary
Revision 1.23 - Sept 26, 2006
Data Sheet
UART Peripheral Interface
UARTSerClk
Serial clock input that provides an alternative to the
internally generated serial clock. Used in cases where
the allowable internally generated clock rates are not
satisfactory.
I
3.3V LVTTL
1, 4
UART0_Rx
UART0 Receive data.
I
3.3V LVTTL
1, 4
UART0_Tx
UART0 Transmit data.
O
3.3V LVTTL
4
UART0_DCD
UART0 Data Carrier Detect.
I
3.3V LVTTL
6
UART0_DSR
UART0 Data Set Ready.
I
3.3V LVTTL
6
UART0_CTS
UART0 Clear To Send.
I
3.3V LVTTL
1, 4
UART0_DTR
UART0 Data Terminal Ready.
O
3.3V LVTTL
4
UART0_RTS
UART0 Request To Send.
O
3.3V LVTTL
4
UART0_RI
UART0 Ring Indicator.
I
3.3V LVTTL
w/pull-up
1, 4
UART1_Rx
UART1 Receive data.
I
3.3V LVTTL
1, 4
UART1_Tx
UART1 Transmit data.
O
3.3V LVTTL
1, 4
UART1_DSR/CTS
UART1 Data Set Ready or Clear To Send. The choice is
determined by a DCR register bit setting.
I
3.3V LVTTL
1, 4
UART1_DTR/RTS
UART1 Request To Send or Data Terminal Ready. The
choice is determined by a DCR register bit setting.
O
3.3V LVTTL
1, 4
UART2_Rx
UART2 Receive data.
I
3.3V LVTTL
1, 4
UART2_Tx
UART2 Transmit data.
O
3.3V LVTTL
1, 4
IIC Peripheral Interface
IIC0SClk
IIC0 Serial Clock.
I/O
3.3V IIC
1, 2
IIC0SDA
IIC0 Serial Data.
I/O
3.3V IIC
1, 2
IIC1SClk
IIC1 Serial Clock.
I/O
3.3V IIC
1, 2
IIC1SDA
IIC1 Serial Data.
I/O
3.3V IIC
1, 2
Interrupts Interface
IRQ0:5
External interrupt Requests 0 through 5.
I
3.3V LVTTL
1, 5
Table 6. Signal Functional Description (Sheet 5 of 7)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com