Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440SP Datasheet(PDF) 75 Page - Applied Micro Circuits Corporation

Part # 440SP
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440SP Datasheet(HTML) 75 Page - Applied Micro Circuits Corporation

Back Button 440SP Datasheet HTML 71Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 72Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 73Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 74Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 75Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 76Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 77Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 78Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 79Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 85 page
background image
PowerPC 440SP Embedded Processor
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
75
Data Sheet
Table 15. I/O Specifications—533MHz
Notes:
1. PerClk rising edge at package pin with a 10pF load trails the internal PLB clock by approximately 1.3ns.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(minimum)
I/O L
(minimum)
External Slave Peripheral Interface
PerAddr00:23
n/a
1
6.2
0
19.1
8.7
PerClk
PerBE0
27.7
12.8
PerClk
PerBLast
n/a
1
5.7
n/a
19.1
8.7
PerClk
PerCS0:2
n/a
n/a
5.9
0
19.1
8.7
PerClk
PerData0:7
1.2
1
6
0
19.1
8.7
PerClk
PerOE
n/a
n/a
5.8
0
19.1
8.7
PerClk
PerPar0
1.7
1
5.7
n/a
19.1
8.7
PerClk
PerReady
3.6
1
n/a
n/a
19.1
8.7
PerClk
PerR/W
n/a
1
5.7
n/a
19.1
8.7
PerClk
PerWE
n/a
n/a
5.7
0
19.1
8.7
n/a
ExtReset
n/a
n/a
n/a
n/a
19.1
8.7
PerClk
PerClk
n/a
n/a
n/a
n/a
19.1
8.7
PLB clk
PerErr
1.2
n/a
n/a
19.1
8.7
PerClk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com