Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440SP Datasheet(PDF) 81 Page - Applied Micro Circuits Corporation

Part # 440SP
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440SP Datasheet(HTML) 81 Page - Applied Micro Circuits Corporation

Back Button 440SP Datasheet HTML 77Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 78Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 79Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 80Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 81Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 82Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 83Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 84Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 85Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 81 / 85 page
background image
PowerPC 440SP Embedded Processor
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
81
Data Sheet
Figure 10 shows the data strobe (DQS) and the data to be coincident. There is actually a slight skew as specified
by the SDRAM specifications, and there can be additional skew due to loading and signal routing. It is
recommended that the signal length for all of the eight DQS signals be matched.
Figure 10. DDR SDRAM Memory Data and DQS
Table 20. DDR SDRAM I/O Read Timing—TSD and THD
Notes:
1. TSD and THD are measured under worst case conditions.
2. Clock speed for the values in the table is 333.33MHz.
3. The time values in the table include 1/4 of a cycle at 166MHz (3ns x 0.25 = 0.75 ns).
4. To obtain adjusted TSD and THD values for lower clock frequencies, subtract 0.75 ns from the values in the table and add 1/4
of the cycle time for the lower clock frequency (e.g., TSD - 0.75 + 0.25TCYC).
Signal Names
Reference Signal
Read Data vs DQS Setup
TSD (ns)
Read Data vs DQS Hold
THD (ns)
MemData00:07
DQS0
0.00
1.00
MemData08:15
DQS1
0.00
1.00
MemData16:23
DQS2
0.00
1.00
MemData24:31
DQS3
0.00
1.00
MemData32:39
DQS4
0.00
1.00
MemData40:47
DQS5
0.00
1.00
MemData48:55
DQS6
0.00
1.00
MemData56:63
DQS7
0.00
1.00
ECC0:7
DQS8
0.00
1.00
DQS
MemData
TSD
THD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com