Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440SP Datasheet(PDF) 74 Page - Applied Micro Circuits Corporation

Part # 440SP
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440SP Datasheet(HTML) 74 Page - Applied Micro Circuits Corporation

Back Button 440SP Datasheet HTML 70Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 71Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 72Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 73Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 74Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 75Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 76Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 77Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 78Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 85 page
background image
PowerPC 440SP Embedded Processor
74
AMCC Proprietary
Revision 1.23 - Sept 26, 2006
Data Sheet
System Interface
Halt
n/a
n/a
n/a
n/a
async
GPIO00:31
19.1
8.7
async
SysClk
n/a
n/a
n/a
n/a
n/a
SysErr
n/a
n/a
19.1
8.7
async
SysPartSel
n/a
n/a
n/a
n/a
async
SysReset
n/a
n/a
async
HISRRst
19.1
8.7
async
TestEn
n/a
n/a
n/a
n/a
async
TmrClk
n/a
n/a
n/a
n/a
n/a
Trace Interface
TrcClk
n/a
n/a
19.1
8.7
TrcBS0:2
19.1
8.7
TrcES0:4
19.1
8.7
TrcTS0:6
19.1
8.7
Table 14. I/O Specifications—All Speeds
(Sheet 3 of 3)
Notes:
1. Ethernet interface meets timing requirements as defined by IEEE 802.3 standard.
2. PCI-X timings are for asynchronous operation up to 133.33MHz. PCI-X input setup time requirement is 1.2ns for 133.33MHz
and 1.7ns for 66.66MHz. PCI timings (in parentheses) are for asynchronous operation up to 66.66MHz. PCI output hold time
requirement is 1ns for 66.66MHz and 2ns for 33.33MHz.
3. These are DDR signals that can change on both the positive and negative clock transitions.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(minimum)
I/O L
(minimum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com