Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440SP Datasheet(PDF) 79 Page - Applied Micro Circuits Corporation

Part # 440SP
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

440SP Datasheet(HTML) 79 Page - Applied Micro Circuits Corporation

Back Button 440SP Datasheet HTML 75Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 76Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 77Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 78Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 79Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 80Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 81Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 82Page - Applied Micro Circuits Corporation 440SP Datasheet HTML 83Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 85 page
background image
PowerPC 440SP Embedded Processor
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
79
Data Sheet
DDR SDRAM Clock to Write DQS Timing—TDS
Note 1: All of the DQS signals are referenced to MemClkOut.
Note 2: Clock speed is 333 MHz.
Note 3: The TDS values in the table include 1.5
× 3ns cycle at 333 MHz (3 ns × 1.5 = 4.5 ns).
Note 4: To obtain adjusted values for lower clock frequencies, subtract 4 ns from the values in the following table
and add
× 1.5 of the cycle time for the lower clock frequency (T
DS - 4.5 + 1.5 TCYC).
DDR SDRAM Write Data to DQS Timing—TSD and THD
Note 1: TSD and THD are measured under worst-case conditions.
Note 2: Clock speed for the values in the following table is 333 MHz.
Table 18. DDR SDRAM Clock to Write DQS Timing—TDS
Signal Name
TDS (ns)
Minimum
Maximum
DQS0
4.76
5.07
DQS1
4.78
5.09
DQS2
4.78
5.10
DQS3
4.76
5.07
DQS4
4.79
5.11
DQS5
4.80
5.13
DQS6
4.81
5.11
DQS7
4.79
5.11
DQS8
4.77
5.07
Table 19. DDR SDRAM Write Data to DQS Timing—TSD and THD
Signal Name
Reference Signal
TSD (ns)
THD (ns)
MemData00:07, DM0
DQS0
0.58
0.64
MemData08:15, DM1
DQS1
0.62
0.55
MemData16:23, DM2
DQS2
0.62
0.60
MemData24:31, DM3
DQS3
0.63
0.57
MemData32:39, DM4
DQS4
0.68
0.54
MemData40:47, DM5
DQS5
0.67
0.52
MemData48:55, DM6
DQS6
0.62
0.61
MemData56:63, DM7
DQS7
0.65
0.55
ECC0:7, DM8
DQS8
0.63
0.61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com